Electronic Components Datasheet Search
  English  ▼

X  

IW628 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # IW628
Description  Adaptive Voltage Position Monitor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IW628 Datasheet(HTML) 1 Page - Renesas Technology Corp

  IW628 Datasheet HTML 1Page - Renesas Technology Corp IW628 Datasheet HTML 2Page - Renesas Technology Corp IW628 Datasheet HTML 3Page - Renesas Technology Corp IW628 Datasheet HTML 4Page - Renesas Technology Corp IW628 Datasheet HTML 5Page - Renesas Technology Corp IW628 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
iW628
Adaptive Voltage Position Monitor
Rev. 1.1
1 of 6
Product Summary
www.renesas.com
© 2022 Renesas Electronics
31-Jan-2022
1.0 Features
● Fast voltage undershoot detection
● “Normally-OFF” with <100μA cut-off current during
normal operation
● Wide operating voltage range from 2.5V to 15V at DRV
pin
● Built-in opto-coupler LED driver with minimum driving
current of 2mA
● Wide operating temperature range from -40°C to 150°C
2.0 Description
The iW628 is an adaptive voltage position monitor to detect
voltage undershoot. It can be used in Dialog’s primary-
side control systems to achieve ultra-low no-load power
consumption and fast dynamic load response. The iW628
operates at “normally-OFF” mode with negligible power
consumption during power supply normal steady state
operation, while monitoring dynamic load change through
a user-configurable voltage position sense pin. The iW628
eliminates loop compensation components at the secondary
side and it has a built-in opto-coupler LED driver to minimize
the bill of material cost.
Dialog’s innovative proprietary technology ensures that
power supplies designed with the iW628 and Dialog’s
primary-side controller can achieve less than 10mW no-
load power consumption in typical 5V2A AC/DC charger/
adapter designs and less than 20mW for 12V2A designs
while maintaining fast dynamic load response.
3.0 Applications
● Precision voltage reference
● AC/DC chargers/adapters
Figure 3.1: iW628 Typical Application Circuit (LED is on when VVPS < internal VREF)
U1
iW628
1
3
2
DRV
VPS
GND
R1
R2
V


Similar Part No. - IW628

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW620 DIALOG-IW620 Datasheet
277Kb / 4P
Quick Charge 2.0 USB Adaptive Voltage Position Controller
iW620-00 DIALOG-iW620-00 Datasheet
277Kb / 4P
Quick Charge 2.0 USB Adaptive Voltage Position Controller
iW620-01 DIALOG-iW620-01 Datasheet
277Kb / 4P
Quick Charge 2.0 USB Adaptive Voltage Position Controller
iW620-04 DIALOG-iW620-04 Datasheet
277Kb / 4P
Quick Charge 2.0 USB Adaptive Voltage Position Controller
iW620-05 DIALOG-iW620-05 Datasheet
277Kb / 4P
Quick Charge 2.0 USB Adaptive Voltage Position Controller
More results

Similar Description - IW628

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5764N PANASONIC-AN5764N Datasheet
49Kb / 5P
Horizontal picture position control IC for CRT monitor
logo
Zetex Semiconductors
ZM33164 ZETEX-ZM33164 Datasheet
131Kb / 5P
SUPPLY VOLTAGE MONITOR
logo
Motorola, Inc
MC33099 MOTOROLA-MC33099 Datasheet
295Kb / 20P
Adaptive Alternator Voltage Regulator
logo
Zetex Semiconductors
ZM33164 ZETEX-ZM33164_06 Datasheet
144Kb / 5P
SUPPLY VOLTAGE MONITOR
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
SUPPLY VOLTAGE MONITOR
logo
Freescale Semiconductor...
33099 FREESCALE-33099 Datasheet
683Kb / 18P
Adaptive Alternator Voltage Regulator
logo
Minilogic Device Corpor...
ML6101 MINILOGIC-ML6101 Datasheet
389Kb / 11P
Voltage Monitor
logo
Diodes Incorporated
ZSM330GTA DIODES-ZSM330GTA Datasheet
416Kb / 5P
SUPPLY VOLTAGE MONITOR
JULY 2006
logo
Dialog Semiconductor
IW620 DIALOG-IW620 Datasheet
277Kb / 4P
Quick Charge 2.0 USB Adaptive Voltage Position Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com