Electronic Components Datasheet Search
  English  ▼

X  

MFFA Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # MFFA
Description  4-terminal SMD current sensing resistor-metal strip
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MFFA Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  MFFA Datasheet HTML 1Page - Eaton All Rights Reserved. MFFA Datasheet HTML 2Page - Eaton All Rights Reserved. MFFA Datasheet HTML 3Page - Eaton All Rights Reserved. MFFA Datasheet HTML 4Page - Eaton All Rights Reserved. MFFA Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Technical Data ELX1177
Effective June 2022
MFFA
4-terminal SMD current sensing resistor-metal strip
www.eaton.com/electronics
Mechanical parameters- Inches [mm]
Recommended pad layout
Packaging information- mm
Supplied in tape and reel on a 7.0” diameter reel (EIA-481 compliant)
Reel dimensions
Family
Size code
L
W
H
T
A
B
MFFA0612
0612
[1630]
0.065 ± 0.008
[1.65 ± 0.20]
0.120 ± 0.010
[3.05 ± 0.25]
0.026 ± 0.008
[0.65 ± 0.20]
0.016 ± 0.010
[0.40 ± 0.25]
0.020 ± 0.005
[0.51 ± 0.13]
0.020 ± 0.005
[0.51 ± 0.13]
Dimension
millimeter
E1
1.75 ± 0.1
F
3.5 ± 0.05
P2
2.0 ± 0.1
D0
1.50 ± 0.1
P0
4.0 ± 0.1
W
8.0 ± 0.1
P1
4.0 ± 0.1
A0
1.77 ± 0.1
B0
3.4 ± 0.1
K0
1.04 ± 0.1
T
0.22 ± 0.05
Dimension
millimeter
A
178 ± 2.0
B
3.5 ± 0.5
C
13 ± 1.0
D
na
N
60 ± 1.0
W1
9 ± 1.0
W2
11.5 ± 1.0
W3
na
Size
Tape
Quantity
0612
7 inch embossed
4K
Construction
Family
Resistance (mΩ)
A
B
C
L
F
MFFA0612
0.5 ≤ R ≤ 5
2.3
1.0
0.8
0.7
0.4
1. The copper foil minimum thickness of PCB is 3 oz.
2. PCB Dimension tolerance is +/-0.1 mm.
3. The resistance will change slightly after soldered; it is depending on PCB pad size deign and it’s
necessary to consider the effect of the resistance increase or decrease.
Tape carrier and dimensions



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com