Electronic Components Datasheet Search
  English  ▼

X  

ASRD753 Datasheet(PDF) 2 Page - Advanced Semiconductor

Part # ASRD753
Description  GLASS PACKAGE STEP RECOVERY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASRD753 Datasheet(HTML) 2 Page - Advanced Semiconductor

  ASRD753 Datasheet HTML 1Page - Advanced Semiconductor ASRD753 Datasheet HTML 2Page - Advanced Semiconductor ASRD753 Datasheet HTML 3Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
3/3
ASRD 700 SERIES
GLASS PACKAGE STEP RECOVERY DIODE
Specifications are subject to change without notice.
DYNAMIC ELECTRICAL CHARACTERISTICS T
C = 25
OC
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
ττττ
IF = 10 mA
IR = 6 mA
ASRD 703
200
nS
ASRD 715
100
ASRD 725
30
ASRD 733
10
ASRD 740
10
ASRD 751
10
ASRD 753
10
Tt
VR = 7 V
IF = 3 mA
ASRD 703
400
pS
ASRD 715
320
ASRD 725
160
ASRD 733
90
ASRD 740
75
ASRD 751
100
ASRD 753
95
ORDERING INFORMATION:
ASRD 7XXB
|
|
|
|______ B = BULK
|
T = Tape & Reel (500 pieces min.)
|
|__________ 03
15
25
33
40
51
53



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com