Electronic Components Datasheet Search
  English  ▼

X  

ASRD808D Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # ASRD808D
Description  SURFACE MOUNT STEP RECOVERY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASRD808D Datasheet(HTML) 1 Page - Advanced Semiconductor

  ASRD808D Datasheet HTML 1Page - Advanced Semiconductor ASRD808D Datasheet HTML 2Page - Advanced Semiconductor ASRD808D Datasheet HTML 3Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/3
Specifications are subject to change without notice.
STATIC ELECTRICAL CHARACTERISTICS TC = 25 OC
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
VBR
IR = 10
µA
ASRD 803
15
V
ASRD 806
20
ASRD 808
25
ASRD 814
40
ASRD 820
50
ASRD 830
60
CJ6
VR = 6 V
f = 1 MHz
ASRD 803
0.2
0.4
pF
ASRD 806
0.4
0.8
ASRD 808
0.5
1.0
ASRD 814
1.0
1.7
ASRD 820
1.5
2.5
ASRD 830
2.5
3.5
SURFACE MOUNT STEP RECOVERY DIODE
ASRD 800 SERIES
DESCRIPTION:
The
ASRD 800 Series of Step
Recovery Diodes are Designed for
Synthesiser and Sampler Applications
Requiring a High Performance to
Cost Ratio.
FEATURES INCLUDE:
• Transition Time as Low as 70 pS
• Surface Mount SOD323 Package
MAXIMUM RATINGS
IF
50 mA
VR
UP TO RATED
VBR
PDISS
100 mW
TJ
-55 to +150
OC
TSTG
-55 to +150
OC
θθθθ
JC
1.25
OC /mW
PACKAGE STYLE SOD- 323


Similar Part No. - ASRD808D

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ASRD808 ASI-ASRD808 Datasheet
66Kb / 3P
SURFACE MOUNT STEP RECOVERY DIODE
More results

Similar Description - ASRD808D

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA44700 MACOM-MA44700 Datasheet
75Kb / 3P
Surface Mount Low Power Step Recovery Diodes
logo
M/A-COM Technology Solu...
MA44700 MA-COM-MA44700 Datasheet
79Kb / 3P
Surface Mount Low Power Step Recovery Diodes
MA44700_V6 MA-COM-MA44700_V6 Datasheet
79Kb / 3P
Surface Mount Low Power Step Recovery Diodes
logo
Advanced Semiconductor
ASRD800 ASI-ASRD800_04 Datasheet
66Kb / 3P
SURFACE MOUNT STEP RECOVERY DIODE
logo
M/A-COM Technology Solu...
MAVR-0447 MA-COM-MAVR-0447 Datasheet
243Kb / 3P
Surface Mount Low Power Step Recovery Diodes
MAVR-0447 MA-COM-MAVR-0447_15 Datasheet
243Kb / 3P
Surface Mount Low Power Step Recovery Diodes
MSD7XX MA-COM-MSD7XX Datasheet
526Kb / 4P
Step Recovery Diode
MSD700 MA-COM-MSD700 Datasheet
502Kb / 4P
Step Recovery Diode
logo
Zibo Seno Electronic En...
FR3A ZSELEC-FR3A Datasheet
122Kb / 2P
3.0A SURFACE MOUNT FAST RECOVERY DIODE
FS1A ZSELEC-FS1A Datasheet
62Kb / 2P
1.0A SURFACE MOUNT FAST RECOVERY DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com