Electronic Components Datasheet Search
  English  ▼

X  

TDR Datasheet(PDF) 2 Page - Littelfuse

Part # TDR
Description  Relay Output, Recycling Time Delay Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TDR Datasheet(HTML) 2 Page - Littelfuse

  TDR Datasheet HTML 1Page - Littelfuse TDR Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Time Delay Relays
Recycle
www.littelfuse.com/tdr
Rev: 1-A-062116
Accessories
BZ1 Front Panel Mount Kit
Provides an easy method of through-the-panel
mounting of 8- or 11-pin plug-in timers, flashers,
and other controls.
NDS-8 Octal 8-pin Socket
8-pin 35mm DIN rail or surface mount. Rated
at 10A @ 300VAC. Surface mounted with two
#6 (M 3.5 x 0.6) screws or snaps onto a 35 mm
DIN rail. Uses PSC8 hold-down clips.
PSC8 Hold-down Clips
Securely mounts plug-in controls in any position.
Provides protection against vibration. Use with
NDS-8 Octal Socket. Sold in pairs.
C103PM (AL) DIN Rail
35 mm aluminum DIN rail available in a 36 in.
(91.4 cm) length.
Binary Switch Operation
** For CE approved applications, power must be removed from the unit when a switch position
is changed.
Function Diagram
RECYCLING (ON FIRST)
V = Voltage
NO = Normally
Open Contact
NC = Normally
Closed Contact
TD1,TD2 =Time Delay
R = Reset
Specifications
Time Delay
Type
Digital integrated circuitry
Range**
0.1 - 102.3s in 0.1s increments
1 - 1023s in 1s increments
10 - 10,230s in 10s increments
Repeat Accuracy
±0.1% or 20ms, whichever is greater
Setting Accuracy
±2% or 50ms, whichever is greater
Reset Time
≤ 50ms
Recycle Time
≤ 150ms
Time Delay vs Temp.
& Voltage
±5%
Input
Voltage
12, 24/28, or 110VDC; 24, 120, or 230VAC
Tolerance
12VDC & 24VDC/AC
-15% - 20%
110 to 230VAC/DC
-20% - 10%
AC Line Frequency/DC Ripple 50/60 Hz/<=10%
Power Consumption
≤ 3.25W
Input LED Indicator
Green; on when input voltage is applied
Output
Type
Electromechanical relay
Form
DPDT
Rating
10A resistive @ 120/240VAC & 28VDC;
1/3 hp @ 120/240VAC
Life
Mechanical - 1 x 107; Electrical - 1 x 106
Max. Switching Voltage
250VAC
Relay LED Indicator
Red; ON when output relay energizes
Protection
Isolation Voltage
≥ 1500V RMS input to output
Insulation Resistance
≥ 100 MΩ
Polarity
DC units reverse polarity protected
Mechanical
Mounting
Plug-in socket
Dimensions
H 81.3 mm (3.2”); W 60.7 mm (2.39”);
D 45.2 mm (1.78”)
Termination
Octal 8-pin plug-in
Environmental
Operating/Storage
Temperature
-20° to 65°C/-30° to 85°C
Weight
≅ 6 oz (170 g)
TDR SERIES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com