Electronic Components Datasheet Search
  English  ▼

X  

TCSHAB Datasheet(PDF) 1 Page - Littelfuse

Part # TCSHAB
Description  Current Monitoring Relays and Transducers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TCSHAB Datasheet(HTML) 1 Page - Littelfuse

  TCSHAB Datasheet HTML 1Page - Littelfuse TCSHAB Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Protection Relays
Current Monitoring Relays and Transducers
www.littelfuse.com/tcs
Rev: 1-A-062116
TCS SERIES
Description
The TCS Series is a low cost method of go/no go current
detection. It includes a solid-state output to sink or source
current when connected directly to a standard PLC digital input
module. Its normally open or normally closed output can also be
used to control relays, lamps, valves, and small heaters rated up
to 1A steady, 10A inrush. The TCS is self-powered (no external
power required to operate the unit) and available with an
adjustable actuation range of 2 - 20A or factory fixed actuation
points from 2 - 45A.
Operation
Normally Open: When a current equal to or greater than the
actuate current is passed through the toroidal sensor, the output
closes. When the current is reduced to 95% of the actuate
current or less, the output opens.
Normally Closed: When the current through the toroid is equal
to or greater than the actuate current, the output opens. When
the current is reduced below 95% of the actuate current, the
output closes. To increase sensitivity, multiple turns may be
made through the TCS’s toroidal sensor. The trip point range is
divided by the number of turns through the toroidal sensor to
create a new range. When using an external CT, select a 2VA,
0-20A output CT rated for the current to be monitored. Select
TCS adjustment range 0. Pass one secondary wire lead through
the TCS’ toroid and connect the secondary leads together.
Features & Benefits
FEATURES
BENEFITS
Self powered
No control voltage is required to operate the unit
Totally solid state
and encapsulated
No moving parts to arc and wear out over time and
encapsulated to protect against shock, vibration,
and humidity
Can connect directly
to PLC
Solid state output to sink or source current can
be connected directly to a standard PLC digital
input module
1A steady, 10A inrush
solid-state output
Provides 100 million operations in typical conditions
Complete isolation
between sensed current
and control circuit
Allows you to monitor a load in a separate
lectrical system
Current Sensor
Wiring Diagram
Ordering Information
MODEL
OUTPUT VOLTAGE
ACTUATE CURRENT
OUTPUT FORM
MODEL
OUTPUT VOLTAGE
ACTUATE CURRENT
OUTPUT FORM
TCSG2A
3 to 50VDC
Fixed, 2A
Normally open
TCSH2B
24 to 240VAC
Fixed, 2A
Normally closed
TCSGAA
3 to 50VDC
2-20A adjustable
Normally open
TCSH5B
24 to 240VAC
Fixed, 5A
Normally closed
TCSGAB
3 to 50VDC
2-20A adjustable
Normally closed
TCSHAA
24 to 240VAC
2-20A adjustable
Normally open
TCSH2A
24 to 240VAC
Fixed, 2A
Normally open
TCSHAB
24 to 240VAC
2-20A adjustable
Normally closed
If you don’t find the part you need, call us for a custom product 800-843-8848
Monitored AC conductor
must be insulated.
L1
N/L2
L1
N/L2
L1
N/L2
L = Load
V = Voltage
PS = Power Supply
PLC = PLC Digital Input Module
POSITIVE SWITCHING
SINKING
SOURCING
NEGATIVE SWITCHING
L1
N/L2


Similar Part No. - TCSHAB

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TCSH0301 TOKEN-TCSH0301 Datasheet
500Kb / 14P
TPSH SMT Low Profile Power Inductors
TCSH0302 TOKEN-TCSH0302 Datasheet
500Kb / 14P
TPSH SMT Low Profile Power Inductors
TCSH0303 TOKEN-TCSH0303 Datasheet
500Kb / 14P
TPSH SMT Low Profile Power Inductors
TCSH0501 TOKEN-TCSH0501 Datasheet
500Kb / 14P
TPSH SMT Low Profile Power Inductors
TCSH0502 TOKEN-TCSH0502 Datasheet
500Kb / 14P
TPSH SMT Low Profile Power Inductors
More results

Similar Description - TCSHAB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A82-10 ETC2-A82-10 Datasheet
61Kb / 3P
Monitoring Relays AC Current Transformer
E82-2050 ETC2-E82-2050 Datasheet
55Kb / 2P
Monitoring Relays AC Current Transformer
logo
Littelfuse
LCSC10T12 LITTELFUSE-LCSC10T12 Datasheet
293Kb / 2P
Protection Relays Current Monitoring Relays and Transducers
Rev: 1-A-062716
CP5 LITTELFUSE-CP5 Datasheet
177Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
ECS LITTELFUSE-ECS Datasheet
387Kb / 3P
Current Monitoring Relays and Transducers
2018 Rev: 1-A-062716
ECSW LITTELFUSE-ECSW Datasheet
301Kb / 3P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
LCS10T12 LITTELFUSE-LCS10T12 Datasheet
189Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
LSR-0 LITTELFUSE-LSR-0 Datasheet
453Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
LSR-XXX LITTELFUSE-LSR-XXX Datasheet
210Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
TCSA LITTELFUSE-TCSA Datasheet
409Kb / 2P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com