Electronic Components Datasheet Search
  English  ▼

X  

TDUI Datasheet(PDF) 1 Page - Littelfuse

Part # TDUI
Description  Time Delay Relays / Dedicated - Interval
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TDUI Datasheet(HTML) 1 Page - Littelfuse

  TDUI Datasheet HTML 1Page - Littelfuse TDUI Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Time Delay Relays
Dedicated - Interval
www.littelfuse.com/tdui-tduih-tduil
Rev: 1-A-061016
TDUI / TDUIH / TDUIL SERIES
Description
The TDUI Series combines digital timing circuitry with universal
voltage operation. Voltages of 24 to 240VAC and 12 to 24VDC
are available in three ranges. The TDUI Series offers DIP switch
selectable time delays ranging from 0.1 seconds to 102.3
minutes in three ranges. Its 1A rated output, ability to operate
on multiple voltages, and wide range of switch selectable time
delays make the TDUI Series an excellent choice for process
control systems and OEM equipment.
Operation (Interval)
Upon application of input voltage, the time delay begins. The
output energizes during the time delay. At the end of the time
delay, the output de-energizes and remains de-energized until
input voltage is removed.
Reset: Removing input voltage resets the time delay and
the output.
Features & Benefits
FEATURES
BENEFITS
Microcontroller based
Repeat Accuracy + / - 0.5%,
Setting accuracy + / - 2%
Compact design
Allows flexiblility for OEM applications
1A steady, 10A inrush
solid-state output
Provides 100 million operations in typical conditions
Totally solid state
and encapsulated
No moving parts to arc and wear out over time and
encapsulated to protect against shock, vibration,
and humidity
Wide voltage ranges
Flexibility to handle multiple voltages found in
control systems and OEM applications
DIP switch Adjustment
Provides first time setting accuracy
Accessories
P1015-13 (AWG 10/12), P1015-64 (AWG 14/16),
P1015-14 (AWG 18/22) Female Quick Connect
These 0.25 in. (6.35 mm) female terminals are
constructed with an insulator barrel to provide
strain relief.
P1015-18 Quick Connect to Screw Adapter
Screw adapter terminal designed for use with
all modules with 0.25 in. (6.35 mm) male quick
connect terminals.
C103PM (AL) DIN Rail
35 mm aluminum DIN rail available in a 36 in.
(91.4 cm) length.
P1023-20 DIN Rail Adapter
Allows module to be mounted on a 35 mm DIN
type rail with two #10 screws.
Ordering Information
MODEL
INPUT VOLTAGE
TIME DELAY
TDUI3000A
24 to 120VAC
1 - 1023s
TDUIH3002A
12 to 24VDC
0.1 - 102.3m
TDUIL3001A
100 to 240VAC
0.1 - 102.3s
TDUIL3002A
12 to 24VDC
0.1 - 102.3s
If you don’t find the part you need, call us for a custom product 800-843-8848
Wiring Diagram
L1
N/L2
V = Voltage
L = Load


Similar Part No. - TDUI

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TDU LITTELFUSE-TDU Datasheet
465Kb / 2P
Encapsulated Solid-State,Delay-on-Make Timers
2016 Rev: 1-A-062116
logo
Automatic Timing & Cont...
TDU ATC-TDU Datasheet
371Kb / 2P
Programmable Multi-Mode Relay Output
TDU-12-DKA ATC-TDU-12-DKA Datasheet
371Kb / 2P
Programmable Multi-Mode Relay Output
TDU-12-DKB ATC-TDU-12-DKB Datasheet
371Kb / 2P
Programmable Multi-Mode Relay Output
TDU-12-DLA ATC-TDU-12-DLA Datasheet
371Kb / 2P
Programmable Multi-Mode Relay Output
More results

Similar Description - TDUI

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TSDB LITTELFUSE-TSDB Datasheet
514Kb / 2P
Time Delay Relays - Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TSDR LITTELFUSE-TSDR Datasheet
531Kb / 2P
Time Delay Relays Dedicated - Recycle
2016 Rev: 1-A-061016
THD2 LITTELFUSE-THD2 Datasheet
422Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
THD3C42A0 LITTELFUSE-THD3C42A0 Datasheet
436Kb / 2P
Time Delay Relays / Dedicated - Recycle
2016 Rev: 1-A-061016
TSA141300 LITTELFUSE-TSA141300 Datasheet
234Kb / 1P
Time Delay Relays / Dedicated - HVAC
2016 Rev: 1-A-062716
TSD2 LITTELFUSE-TSD2 Datasheet
602Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-062116
TSD3411S LITTELFUSE-TSD3411S Datasheet
602Kb / 2P
Time Delay Relays / Dedicated - Recycle
2016 Rev: 1-A-062116
TSD6 LITTELFUSE-TSD6 Datasheet
609Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-062216
TSD7 LITTELFUSE-TSD7 Datasheet
558Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
TDI LITTELFUSE-TDI Datasheet
303Kb / 2P
Time Delay Relays / INTERVAL
2021 Rev: 1-B-030121
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com