Electronic Components Datasheet Search
  English  ▼

X  

ASRD751T Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # ASRD751T
Description  GLASS PACKAGE STEP RECOVERY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASRD751T Datasheet(HTML) 1 Page - Advanced Semiconductor

  ASRD751T Datasheet HTML 1Page - Advanced Semiconductor ASRD751T Datasheet HTML 2Page - Advanced Semiconductor ASRD751T Datasheet HTML 3Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/3
Specifications are subject to change without notice.
STATIC ELECTRICAL CHARACTERISTICS T
C = 25
OC
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
VBR
IR = 10
µA
ASRD 703
70
V
ASRD 715
50
ASRD 725
45
ASRD 733
25
ASRD 740
15
ASRD 751
15
ASRD 753
25
CJ6
VR = 6 V
f = 1 MHz
ASRD 703
6.0
pF
ASRD 715
4.0
ASRD 725
2.0
ASRD 733
1.6
ASRD 740
0.6
ASRD 751
0.65
ASRD 753
0.4
GLASS PACKAGE STEP RECOVERY DIODE
ASRD 700 SERIES
DESCRIPTION:
The
ASRD 700 Series of Step
Recovery Diodes are Designed for
General Purpose VCO and Sampler
Applications.
FEATURES INCLUDE:
• Transition Time as Low as 70 pS
• Hermetic Glass Package
MAXIMUM RATINGS
IF
50 mA
VR
UP TO RATED
VBR
PDISS
290 mW
TJ
-65
OC to +200 OC
TSTG
-65
OC to +200 OC
θθθθ
JC
0.6
OC /mW
PACKAGE STYLE 01A


Similar Part No. - ASRD751T

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ASRD800 ASI-ASRD800 Datasheet
67Kb / 3P
SURFACE MOUNT STEP RECOVERY DIODE
ASRD800 ASI-ASRD800_04 Datasheet
66Kb / 3P
SURFACE MOUNT STEP RECOVERY DIODE
ASRD803 ASI-ASRD803 Datasheet
67Kb / 3P
SURFACE MOUNT STEP RECOVERY DIODE
ASRD803 ASI-ASRD803 Datasheet
66Kb / 3P
SURFACE MOUNT STEP RECOVERY DIODE
ASRD803-TR ASI-ASRD803-TR Datasheet
67Kb / 3P
SURFACE MOUNT STEP RECOVERY DIODE
More results

Similar Description - ASRD751T

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
5082-0153 ASI-5082-0153 Datasheet
13Kb / 1P
GLASS PACKAGE STEP RECOVERY DIODE
5082-0800 ASI-5082-0800 Datasheet
13Kb / 1P
SILICON STEP RECOVERY DIODE
5082-0112 ASI-5082-0112 Datasheet
34Kb / 1P
GLASS PACKAGE STEP RECOVERY DIODE
5082-0008 ASI-5082-0008 Datasheet
16Kb / 1P
STEP RECOVERY DIODE CHIP
5082-0180 ASI-5082-0180 Datasheet
19Kb / 1P
GLASS PACKAGE STEP RECOVERY DIODE
5082-0335 ASI-5082-0335 Datasheet
19Kb / 1P
SILICON STEP RECOVERY DIODE
MA43000 ASI-MA43000 Datasheet
15Kb / 1P
SILICON STEP RECOVERY DIODE
5082-0008 ASI-5082-0008_04 Datasheet
32Kb / 1P
STEP RECOVERY DIODE CHIP
logo
M/A-COM Technology Solu...
MSD7XX MA-COM-MSD7XX Datasheet
526Kb / 4P
Step Recovery Diode
MSD700 MA-COM-MSD700 Datasheet
502Kb / 4P
Step Recovery Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com