Electronic Components Datasheet Search
  English  ▼

X  

CLS4D09 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CLS4D09
Description  POWER INDUCTORS (SMD Type)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CLS4D09 Datasheet(HTML) 1 Page - Sumida Corporation

  CLS4D09 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWER INDUCTORS (SMD Type)
CLS4D09
OUTLINE /
CLS4D09
DIMENSIONS (mm)
/ インダクタンス測定周波数(L)
Measuring Freq. (L)
CLS4D09
/ インダクタンス公差
Tolerance of Inductance
CLS4D09
外形寸法図
磁気構造図
CONSTRUCTION
/ 無鉛製品について
About Lead-free products
. Lead-free products are now available for sale
. To order a lead-free product, please add"NP" after the product type:
無鉛製品は現在、販売されております。
ご注文の際は製品タイプ名の後に”NP”をつけてください。
e.g.
△△△○×
Ordering code of lead-free product: Type name NP△△△○×
.
.
Ordering code of lead product: Type name-
概要
概要
概要
( 4.7µH - 22µH )
100kHz
SMD type small size inductors.
面実装タイプの小型インダクタです。
UNSHIELDED TYPE / 開磁路タイプ
LAND PATTERNS (mm)
推奨ランド寸法
CONNECTION
端子接続
CLS4D09
Parts No. L (H)
µ
µ
µ
µ
µ
µ
µ
µ
D.C.R.( Ω ) :
Max.
Saturation
Rated Current
(A) *C
Temperature
Rise Rated
Current (A) * I
*C 直流重畳許容電流:直流重畳許容電流を流した時、インダクタンスが公称インダクタンスの65%
Saturation Rated Current : The current when the inductance becomes 35% lower than its
*C
°C)
nominal value.(Ta=20
(Ta=20℃)
以上となる電流値とする。
800m
630m
500m
420m
350m
185m(150m)
260m(210m)
370m(300m)
580m(470m)
910m(730m)
750m
630m
500m
370m
300m
4.7µH – 22 µH ± 30% (N)
温度上昇許容電流:直流電流を流した時、
コイルの温度上昇がΔT=40℃以下となる電流値とする。
(Ta=20℃)
/ その他
Other
Temperature Rise Rated Current : The current when temperature of coil increases up to Max.
∆T=40°
C.(Ta=20 °C)
* I
* I
3R3
4R7
6R8
100
150
220
330
470
3.3
4.7
6.8
10
15
22
33
47
4.9MAX.
1.0MAX.
BOTTOM VIEW
1
2
3
4
/ 裏面図
http://www.sumida.com
Rev1.0 09/2004
North America
Tel:(1) 847 545-6700
Fax:(1) 847 545-6720
E-mail: sales@us.sumida.com
Japan
Tel:(81) 03 3667-3302
Fax:(81) 03 3667-3408
Hong Kong
Tel:(852) 2880-6688
Fax:(852) 2565-9600
E-mail: sales@hk.sumida.com
Taiwan
Tel:(886) 2 2726-2177
Fax:(886) 2 2728-2726
E-mail: sales@tw.sumida.com
Singapore
Tel:(65) 6296-3388
Fax:(65) 6296-3390
E-mail: sales@sg.sumida.com
Europe
Tel:(32) 2673-9565
Fax:(32) 2672-0454
E-mail: sales@eu.sumida.com
E-mail: sales@jp.sumida.com


Similar Part No. - CLS4D09

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLS4D09 SUMIDA-CLS4D09 Datasheet
39Kb / 2P
Power Inductor& 2 in 1 Transformer
CLS4D09NP-100N SUMIDA-CLS4D09NP-100N Datasheet
39Kb / 2P
Power Inductor& 2 in 1 Transformer
CLS4D09NP-100NB SUMIDA-CLS4D09NP-100NB Datasheet
123Kb / 2P
Power Inductor& 2 in 1 Transformer
CLS4D09NP-100NC SUMIDA-CLS4D09NP-100NC Datasheet
123Kb / 2P
Power Inductor& 2 in 1 Transformer
CLS4D09NP-150N SUMIDA-CLS4D09NP-150N Datasheet
39Kb / 2P
Power Inductor& 2 in 1 Transformer
More results

Similar Description - CLS4D09

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP105 SUMIDA-CDEP105 Datasheet
253Kb / 1P
POWER INDUCTORS (SMD Type)
CDEP134 SUMIDA-CDEP134 Datasheet
249Kb / 1P
POWER INDUCTORS (SMD Type)
CDEP145 SUMIDA-CDEP145 Datasheet
113Kb / 2P
POWER INDUCTORS
CDEP147 SUMIDA-CDEP147 Datasheet
246Kb / 1P
POWER INDUCTORS (SMD Type)
CDRH4D14 SUMIDA-CDRH4D14 Datasheet
118Kb / 2P
POWER INDUCTORS
CDRH4D22 SUMIDA-CDRH4D22 Datasheet
238Kb / 1P
POWER INDUCTORS (SMD Type)
CDRH8D38 SUMIDA-CDRH8D38 Datasheet
235Kb / 1P
POWER INDUCTORS (SMD Type)
CDRH104R SUMIDA-CDRH104R Datasheet
236Kb / 3P
POWER INDUCTORS (SMD Type)
CDRH124 SUMIDA-CDRH124 Datasheet
306Kb / 1P
POWER INDUCTORS (SMD Type)
CMD5D11 SUMIDA-CMD5D11 Datasheet
117Kb / 2P
POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com