Electronic Components Datasheet Search
  English  ▼

X  

AP3304 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP3304
Description  MULTI-MODE PWM CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3304 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP3304 Datasheet HTML 3Page - Diodes Incorporated AP3304 Datasheet HTML 4Page - Diodes Incorporated AP3304 Datasheet HTML 5Page - Diodes Incorporated AP3304 Datasheet HTML 6Page - Diodes Incorporated AP3304 Datasheet HTML 7Page - Diodes Incorporated AP3304 Datasheet HTML 8Page - Diodes Incorporated AP3304 Datasheet HTML 9Page - Diodes Incorporated AP3304 Datasheet HTML 10Page - Diodes Incorporated AP3304 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AP3304
Document number: DS43559 Rev. 4 - 2
7 of 12
www.diodes.com
October 2021
© Diodes Incorporated
AP3304
Operation Description
The AP3304 realizes Multi-Mode Operation including Burst mode, QR mode and CCM mode, which is specifically designed for off-line AC-DC
power supply used in LCD monitor, notebook adapter and battery charger applications. At medium load, the IC will enter QR mode with frequency
foldback to improve system efficiency and EMI performance. It offers a cost effective solution with a versatile protection function.
Figure 3
Multi-Mode Operation
The switching frequency curve in Figure 3 shows three operation modes.
Burst Mode
At no load and light load, the system will operate at burst mode with fixed switching frequency 23kHz to avoid audible noise. When the FB
voltage is lower than 0.6V, the controller will not provide driving signal and the FB voltage will rise above 0.8V, then the driving signal will
resume. By this control strategy, the system will eliminate a bunch of pulses and the power loss is reduced.
QR Mode
QR is the abbreviation of Quasi-Resonant which means that the power MOSFET is forced to turn on at valleys of VDS. With QR control, the
switching power loss will be reduced by lower voltage stress on MOSFET. The VDS valley is detected by DEM pin through the voltage divider
network of RDEM and RSOVP. In QR mode, the trend of switching frequency is modulated by AP3304.
CCM
When AP3304 operates in QR mode with 1st Valley, switching frequency starts to fall as load increases. If the switching frequency falls to
80kHz,CCM is implemented to achieve high efficiency. Usually at low line voltage, the system will enter CCM at heavy load, while high line
voltage the system may still operate in QR mode with 1st or 2nd valley.
100KHz
80KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com