Electronic Components Datasheet Search
  English  ▼

X  

GP-85 Datasheet(PDF) 1 Page - PerkinElmer Optoelectronics

Part # GP-85
Description  Triggered Spark Gaps
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

GP-85 Datasheet(HTML) 1 Page - PerkinElmer Optoelectronics

  GP-85 Datasheet HTML 1Page - PerkinElmer Optoelectronics GP-85 Datasheet HTML 2Page - PerkinElmer Optoelectronics GP-85 Datasheet HTML 3Page - PerkinElmer Optoelectronics GP-85 Datasheet HTML 4Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Triggered Spark Gaps
Ceramic-Metal
P
erkinElmer’s Triggered
Spark Gaps are a family of versatile
high voltage switches. They consist
of three electrodes in a hermetically
sealed, pressurized ceramic enve-
lope. Triggered Spark Gaps are
generally characterized by a peak
current capability of thousands to
tens of thousands of amperes, delay
times of tens of nanoseconds, arc
resistance of tens of milliohms and
inductance of 5 to 30 nanohenries.
They are suitable for capacitor
switching applications such as flash-
lamps, electrically pumped gas
lasers, medical lithotripters, and
as crowbar protection devices.
Features
• Fast switching operation
• High voltage holdoff
• Ceramic-metal construction
• No warm up period
• High current capability
• Long life
EVERYTHING
IN A
NEW
LIGHT.


Similar Part No. - GP-85

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GP-1000HD ETC2-GP-1000HD Datasheet
731Kb / 2P
Designed for high durability applications
GP-1000SF ETC2-GP-1000SF Datasheet
364Kb / 2P
No silicone outgassing
logo
ATGBICS by Approved Tec...
GP-10GSFP-1L-C ATGBICS-GP-10GSFP-1L-C Datasheet
366Kb / 10P
GP-10GSFP-1L Dell Force10 Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
GP-10GSFP-1S-C ATGBICS-GP-10GSFP-1S-C Datasheet
375Kb / 10P
GP-10GSFP-1S Dell Force10 Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
GP-10GSFP-T-C ATGBICS-GP-10GSFP-T-C Datasheet
222Kb / 6P
GP-10GSFP-T Dell Compatible Transceiver SFP 100/1000/10000Base T (Copper RJ45, 30m)
More results

Similar Description - GP-85

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
GP-485 PERKINELMER-GP-485 Datasheet
71Kb / 6P
Mini-Triggered Spark Gaps and Transformers
GPV-63 PERKINELMER-GPV-63 Datasheet
59Kb / 4P
Triggered Vacuum Gaps
logo
Clare, Inc.
TG-221 CLARE-TG-221 Datasheet
77Kb / 3P
HIGH-ENERGY TRIGGERED SPARK GAPS
TX45 CLARE-TX45 Datasheet
186Kb / 4P
HIGH-ENERGY TRIGGERED SPARK GAPS
logo
Okaya Electric America,...
S120033 OKAYA-S120033 Datasheet
292Kb / 1P
SPARK QUENCHER
3RMES-121 OKAYA-3RMES-121 Datasheet
239Kb / 1P
SPARK QUENCHER
logo
Taiyo Yuden (U.S.A.), I...
AG20PC152F-L3N TAIYO-YUDEN-AG20PC152F-L3N Datasheet
360Kb / 2P
SPARK GAPS
logo
List of Unclassifed Man...
AG15P152FB ETC2-AG15P152FB Datasheet
360Kb / 2P
SPARK GAPS
logo
Okaya Electric America,...
XA120033 OKAYA-XA120033_14 Datasheet
49Kb / 1P
SPARK QUENCHER
logo
Suntan Capacitors
TS21 SUNTAN-TS21_17 Datasheet
173Kb / 1P
SPARK CAPACITOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com