Electronic Components Datasheet Search
  English  ▼

X  

IG70 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IG70
Description  Current Chokes, Axial Leads, Noise Suppression Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IG70 Datasheet(HTML) 1 Page - Vishay Siliconix

  IG70 Datasheet HTML 1Page - Vishay Siliconix IG70 Datasheet HTML 2Page - Vishay Siliconix IG70 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IG70
www.vishay.com
Vishay Aztronic
Revision: 28-Apr-16
1
Document Number: 59014
For technical questions, contact: sferaztronics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Current Chokes, Axial Leads, Noise Suppression Applications
FEATURES
• These inductors have copper winding on a
bobbin with axial terminals
• Protection by a thermo sleeve
• Cylindrical shape allows use in automatic
cabling machines use
• This inductor series is specially designed for power supply
filtering
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DIMENSIONS in millimeters
MARKING
Print marked:
manufacturer, series and style, inductance value, date code
ELECTRICAL SPECIFICATIONS
Inductance range
1 μH to 18 000 μH
Tolerance
± 20 %
Maximum voltage
500 VRMS
Measuring conditions
U = 100 mVRMS
Ø 7 max.
18 max.
28 ± 3
Ø 0.8
28 ± 3
MECHANICAL SPECIFICATIONS
Coating
Thermo sleeve
Weight
4 g
ENVIRONMENTAL SPECIFICATIONS
Operating temperature range
0 °C to +70 °C
Temperature limits
-55 °C to +125 °C
PACKAGING
500 pieces tape and reel
ORDERING INFORMATION
IG
70
3900 μH
± 20 %
R
e1
MODEL
STYLE
INDUCTANCE
VALUE
TOLERANCE
PACKAGING
LEAD FINISH
e1: SnAgCu
SAP PART NUMBERING GUIDELINES
I
G
70
39
2
M
R
1
0
MODEL
STYLE
INDUCTANCE
VALUE
TOL.
PACKAGING
CODE
SPECIAL
(IF APPLICABLE)
See the end of this data book for conversion tables


Similar Part No. - IG70

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IG70 VISHAY-IG70 Datasheet
73Kb / 3P
Current Chokes, Axial Leads, Noise Suppression Applications
28-Apr-16
More results

Similar Description - IG70

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FE3X050-10-7 ETC1-FE3X050-10-7 Datasheet
69Kb / 1P
CURRENT COMPENSATED NOISE SUPPRESSION CHOKES
logo
Pulse A Technitrol Comp...
FE2X03-3-2 PULSE-FE2X03-3-2 Datasheet
508Kb / 2P
Current Compensated Noise Suppression Chokes
FE2X03-8-3NL PULSE-FE2X03-8-3NL Datasheet
470Kb / 2P
Current Compensated Noise Suppression Chokes
logo
Vishay Siliconix
IG70 VISHAY-IG70 Datasheet
73Kb / 3P
Current Chokes, Axial Leads, Noise Suppression Applications
28-Apr-16
IG120 VISHAY-IG120 Datasheet
73Kb / 3P
Current Chokes, Axial Leads Noise Suppression Applications
28-Apr-16
TR021 VISHAY-TR021 Datasheet
93Kb / 3P
Molded Inductors, Axial Leads High Frequency and Noise Suppression Applications
28-Apr-16
IG120 VISHAY-IG120_V01 Datasheet
70Kb / 3P
Current Chokes, Axial Leads Noise Suppression ApplicationsS
28-Apr-16
TR021 VISHAY-TR021_V01 Datasheet
76Kb / 3P
Molded Inductors, Axial Leads, High Frequency and Noise Suppression Applications
28-Apr-16
TR022 VISHAY-TR022_V01 Datasheet
56Kb / 3P
Molded Inductors, Axial Leads, High Frequency and Noise Suppression Applications
28-Apr-16
TR023 VISHAY-TR023_V01 Datasheet
61Kb / 3P
Molded Inductors, Axial Leads, High Frequency and Noise Suppression Applications
28-Apr-16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com