Electronic Components Datasheet Search
  English  ▼

X  

IHA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IHA
Description  Filter Inductors, High Current, Axial Leaded
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IHA Datasheet(HTML) 1 Page - Vishay Siliconix

  IHA Datasheet HTML 1Page - Vishay Siliconix IHA Datasheet HTML 2Page - Vishay Siliconix IHA Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IHA
www.vishay.com
Vishay Dale
Revision: 07-Aug-12
1
Document Number: 34014
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Filter Inductors, High Current, Axial Leaded
ELECTRICAL SPECIFICATIONS
Inductance: Measured at 1.0 V with zero DC current
Current Rating: Maximum continuous operating current
(DC or RMS) based on 50 °C temperature rise
Dielectric Rating: 2500 VRMS, 60 Hz, applied for one minute
between winding and outer circumference to within 0.250"
[6.35 mm] of the insulation sleeve edge
Operating Temperature: - 55 °C to + 125 °C (no load),
- 55 °C to + 75 °C (at full rated current)
FEATURES
• Printed circuit mounting (axial leads)
• Pre-tinned leads
• Low cost construction
• Protected by polyolefin tubing - flame retardant
UL type VW-1 per MIL-I-23053/8, class 3
requirements
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
Noise filtering for switching regulators, power amplifiers,
power supplies, and SCR and triac control circuits
MECHANICAL SPECIFICATIONS
Winding: Layered solenoid type
Wire: Solid soft copper
Terminals: Tinned copper leads
Encapsulant: Polyolefin tubing
Core Material: Ferrite
DIMENSIONS in inches [millimeters]
MODEL
A (MAX.)
B (MAX.)
C ± 0.002 [0.050]
IHA-101
0.475 [12.07]
0.800 [20.32]
0.032 [0.813]
IHA-102
0.475 [12.07]
0.800 [20.32]
0.032 [0.813]
IHA-103
0.475 [12.07]
1.050 [26.67]
0.032 [0.813]
IHA-104
0.550 [13.97]
1.050 [26.67]
0.032 [0.813]
IHA-105
0.550 [13.97]
1.175 [29.85]
0.032 [0.813]
IHA-201
0.500 [12.70]
0.800 [20.32]
0.032 [0.813]
IHA-202
0.500 [12.70]
0.800 [20.32]
0.032 [0.813]
IHA-203
0.500 [12.70]
0.920 [23.37]
0.032 [0.813]
IHA-204
0.600 [15.24]
0.920 [23.37]
0.032 [0.813]
IHA-205
0.750 [19.05]
1.050 [26.67]
0.032 [0.813]
IHA-301
0.475 [12.07]
0.800 [20.32]
0.032 [0.813]
IHA-302
0.475 [12.07]
0.920 [23.37]
0.032 [0.813]
IHA-303
0.550 [13.97]
0.800 [20.32]
0.032 [0.813]
IHA-304
0.550 [13.97]
0.920 [23.37]
0.032 [0.813]
IHA-305
0.550 [13.97]
1.175 [29.85]
0.032 [0.813]
IHA-501
0.475 [12.07]
1.050 [26.67]
0.040 [1.02]
IHA-502
0.475 [12.07]
1.050 [26.67]
0.040 [1.02]
IHA-503
0.700 [17.78]
1.050 [26.67]
0.040 [1.02]
IHA-504
0.700 [17.78]
1.050 [26.67]
0.040 [1.02]
IHA-505
0.700 [17.78]
1.300 [33.02]
0.040 [1.02]
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
IND. AT 1 kHz (μH)
TOL. (%)
DCR MAX. (
)
RATED DC CURRENT (mA)
IHA-101
50
± 10 %
0.120
2500
IHA-102
100
± 10 %
0.160
2100
IHA-103
250
± 10 %
0.280
1800
IHA-104
500
± 10 %
0.420
1600
IHA-105
1000
± 10 %
0.600
1400
0.125
[3.18]
Schematic
1.25 [31.75]
Min. Typ.
B
Max.
C Typ.
A Max.


Similar Part No. - IHA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHA VISHAY-IHA Datasheet
294Kb / 2P
Filter Inductors
18-Apr-06
IHA-101 VISHAY-IHA-101 Datasheet
294Kb / 2P
Filter Inductors
18-Apr-06
IHA-102 VISHAY-IHA-102 Datasheet
294Kb / 2P
Filter Inductors
18-Apr-06
IHA-103 VISHAY-IHA-103 Datasheet
294Kb / 2P
Filter Inductors
18-Apr-06
IHA-104 VISHAY-IHA-104 Datasheet
294Kb / 2P
Filter Inductors
18-Apr-06
More results

Similar Description - IHA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHB6EB103K VISHAY-IHB6EB103K Datasheet
90Kb / 6P
Filter Inductors, High Current, Radial Leaded
13-Apr-11
IH10EB101K VISHAY-IH10EB101K Datasheet
82Kb / 4P
Filter Inductors, High Current, Radial Leaded
04-Feb-11
IHD1ER470L VISHAY-IHD1ER470L Datasheet
77Kb / 4P
Filter Inductors, High Current, Axial Leaded
04-Feb-11
IHD1BH680L VISHAY-IHD1BH680L Datasheet
77Kb / 4P
Filter Inductors, High Current, Axial Leaded
04-Feb-11
IHM-2 VISHAY-IHM-2_11 Datasheet
76Kb / 3P
Filter Inductors, High Current, Radial Leaded
04-Feb-11
IH VISHAY-IH Datasheet
83Kb / 3P
Filter Inductors, High Current, Radial Leaded
08-Aug-14
IHB VISHAY-IHB_V01 Datasheet
91Kb / 6P
Filter Inductors, High Current, Radial Leaded
26-Mar-14
IHD VISHAY-IHD_V01 Datasheet
78Kb / 4P
Filter Inductors, High Current, Axial Leaded
04-Feb-11
IHM-2 VISHAY-IHM-2_V01 Datasheet
60Kb / 3P
Filter Inductors, High Current, Radial Leaded
04-Feb-11
IHV VISHAY-IHV_V01 Datasheet
76Kb / 3P
Filter Inductors, High Current, Radial Leaded
30-Apr-2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com