Electronic Components Datasheet Search
  English  ▼

X  

CG-GU Datasheet(PDF) 1 Page - 3M Electronics

Part # CG-GU
Description  3M™ Comfort Grip Gloves
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

CG-GU Datasheet(HTML) 1 Page - 3M Electronics

  CG-GU Datasheet HTML 1Page - 3M Electronics CG-GU Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
3M™ Comfort Grip Gloves
Data Sheet
January 2020
Product
Description
3M Comfort Grip Gloves offer a comfortable alternative to the traditional cotton and leather
work glove. The gloves are designed to offer a comfortable, breathable fit and are perfectly
suited for applications where hand flexibility and dexterity are needed. The coated palm
provides gripping ability in wet or oily applications. The Comfort Grip Cut Resistant gloves are
an excellent choice for applications when working with sharp tools or edges. The 3M Comfort
Grip Winter Gloves helps keep hands warm in colder climates.
Agency
Approvals &
Self
Certifications
*ANSI 105-2016 Cut Level (A1
– A9). Previous ANSI ratings based on ANSI 105-2011 Cut Level (0-5).
**EN 388:2016: Abrasion Level (1-4), Coupe Cut Level (1-5), Tear (1-4), Puncture (1-4), TDM Cut Test (A-F). Please
note that the TDM cut resistance test is the reference performance result, and the Coupe test results are only indicative
where both cut resistance test results are shown for EN388:2016. Previous EN 388 levels based on EN 388 2003:
Abrasion (1-4), Coupe cut test (1-5), Tear (1-4), Puncture (1-4). Test levels only indicative of palm area.
Materials
Note: Gloves may contain ingredients known to be a possible cause of irritation and/or allergic
reaction in persons sensitive to such materials. Immediately seek medical advice if an allergic
reaction should occur.
Glove Sizing
It is important to order the right size to insure the best protection and most comfortable fit.
Sizes are determined by measuring the circumference of the hand with a tape measure
in inches just below the knuckles with the hand closed. These measurements will not
account for all possible variations in hand size.
Size #
Size
Care Instructions Gloves are hand and machine washable. Do not use chlorine or oxygen bleach. Hang
glove to dry in shaded area. Performance characteristics may degrade due to laundering.
Standard
Mechanical
Risks
Model
CG-GU
Model
CG-CR
Model
CGCRE
Model
CG-W
ANSI 105-2016*
Blade Cut Res.
N/A
Level A3
Level A1
N/A
EN388:2016**
Abrasion Res
Level 3
Level 4
Level 4
Level 2
Coupe Cut Test
Level 1
Level 4
Level 3
Level 1
Tear Res.
Level 2
Level 4
Level 4
Level 2
Puncture Res.
Level 2
Level 4
Level 2
Level 1
TDM Cut Test
Level A
Level D
Level B
Level A
Model CG-GU
Nitrile Foam / Nylon Fiber
Model CG-CR
Nitrile Foam / UHMWPE Glass/Nylon Fiber
Model CG-CRE
Polyurethane Palm / HPPE / Synthetic Yarns
Model CG-W
Nitrile Foam / Polyester / Spandex
8
9
10
M
L
XL


Similar Part No. - CG-GU

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
CG-G14PHHT COOLGEAR-CG-G14PHHT Datasheet
2Mb / 2P
4-Port USB3.1 Gen 1 Industrial High Temperature Hub w/Mounting Kit
Rev 01.200714
CG-G2CCTSSL-05M COOLGEAR-CG-G2CCTSSL-05M Datasheet
345Kb / 2P
20in. USB Single Screw Lock Type-C to C Male Cable 10GB Data 3A Power
Rev 05.220504
CG-G2CCTSSL-1.8M COOLGEAR-CG-G2CCTSSL-1.8M Datasheet
571Kb / 2P
6ft. USB Single Screw Lock Type-C to C Male Cable 10GB Data 3A Power
Rev 05.220504
CG-G2CCTSSL-1M COOLGEAR-CG-G2CCTSSL-1M Datasheet
641Kb / 2P
USB 3.1 Type-C to C Dual Screw Lock 1 Meter Cable 10GB Data 3A Power
Rev 05.220504
CG-G2SL1CC-05M COOLGEAR-CG-G2SL1CC-05M Datasheet
535Kb / 2P
USB 3.1 Type-C to C Dual Screw Lock 0.5 Meter Cable 10GB Data 3A Power
More results

Similar Description - CG-GU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
73654 ETC2-73654 Datasheet
224Kb / 2P
STATSHIELD SMOCKS AND GLOVES
logo
3M Electronics
SG-Y 3M-SG-Y Datasheet
94Kb / 3P
3M™ Secure Grip Wire Connector SG-Y
Rev A
SG-T 3M-SG-T Datasheet
108Kb / 3P
3M™ Secure Grip Wire Connector SG-T
Rev A
SG-G 3M-SG-G Datasheet
88Kb / 3P
3M™ Secure Grip Grounding Connector SG-G
Rev A
SG-B 3M-SG-B Datasheet
91Kb / 3P
3M™ Secure Grip Wire Connector SG-B
Rev A
291X 3M-291X Datasheet
151Kb / 2P
3M™ Polishing Films
January 2022
20433 3M-20433 Datasheet
78Kb / 3P
3M™ Hookit™ Sheet Pad
6501 3M-6501 Datasheet
58Kb / 3P
3M™ Rugged Comfort Half Facepiece Reusable Respirator 6501/49487, Small, 10 EA/Case
logo
Bertech.
LPF BERTECH-LPF Datasheet
173Kb / 1P
Cleanroom Compatible Latex Gloves
NPF BERTECH-NPF Datasheet
155Kb / 1P
Cleanroom Compatible Nitrile Gloves
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com