Electronic Components Datasheet Search
  English  ▼

X  

IW662 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # IW662
Description  AC/DC Secondary-Side Synchronous Rectification and Rapid ChargeTM Interface Controller for Qualcomm® Quick Charge™ 3.0
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IW662 Datasheet(HTML) 1 Page - Renesas Technology Corp

  IW662 Datasheet HTML 1Page - Renesas Technology Corp IW662 Datasheet HTML 2Page - Renesas Technology Corp IW662 Datasheet HTML 3Page - Renesas Technology Corp IW662 Datasheet HTML 4Page - Renesas Technology Corp IW662 Datasheet HTML 5Page - Renesas Technology Corp IW662 Datasheet HTML 6Page - Renesas Technology Corp IW662 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
iW662
Product Summary
1 of 7
AC/DC Secondary-Side Synchronous Rectification and Rapid ChargeTM
Interface Controller for Qualcomm® Quick Charge™ 3.0
Rev. 1.3
© 2022 Renesas Electronics
www.renesas.com
09-Feb-2022
1 Description
The iW662 is an AC/DC secondary-side combo controller for Qualcomm® Quick ChargeTM 3.0 (QC3.0) which includes
USB interface, secondary-to-primary communication and synchronous rectification functions in a single IC.
The iW662 resides on the secondary side of an AC/DC power supply and allows the adapter to be configured for
multi-level output voltages from 3.6V to 12V in 200mV increments, depending on the voltage requested by the mobile
device (MD). It can be used in Dialog’s primary-side controlled AC/ DC systems to achieve fast voltage transition, low no-
load power consumption, and fast dynamic load response.
The iW662 uses Dialog’s proprietary XM-Comm secondary-to-primary digital communication technology. When paired
with one of Dialog’s primary-side controllers, the iW1790 or iW1796, the optocoupler can be completely eliminated in the
system. The iW662 transmits all necessary information for rapid charge through the power transformer, including output
voltage requests, output current limits, output voltage undershoot, output over-voltage, and fault and reset signals.
The iW662 is also an advanced synchronous rectifier (SR) controller with an integrated MOSFET driver, enabling
discontinuous mode flyback converters with high efficiency operation. The device works with an external power
MOSFET to replace the main rectifying diode on the secondary of a flyback converter, improving efficiency by reducing
secondaryside conduction losses. Dialog’s digital adaptive turn-off control technology minimizes turn-off deadtime,
eliminating the need for an additional Schottky diode that is typically needed in parallel with the synchronous MOSFET
in conventional synchronous rectifiers.
The iW662 and iW1790/iW1796 provide double-layer cable protection. On the secondary side, the iW662 incorporates
Dialog’s proprietary D+/D- over-voltage protection to address VBUS D+/D- soft shorts. On the primary side, the iW1790/
iW1796 uses Dialog’s advanced fault control technology to reduce the average output power during soft shorts without
latch.
Qualcomm® Quick ChargeTM 3.0 is a product of Qualcomm Technologies, Inc.
2 Features
● XM-Comm proprietary secondary-to-primary digital
communication transmits all information for rapid
charge without an optocoupler: output voltage
requests, output current limits, output voltage
undershoot, over-voltage protection, and other fault
and reset signals
● Lossless MOSFET VDS sensing for SR timing control
with digital adaptive turn-off control
● Optimized 5V MOSFET gate driver
● High-voltage drain sensing up to 100V with no
additional external clamping circuits required
● Supports Qualcomm® Quick ChargeTM 3.0 technology
High Voltage Dedicated Charging Port (HVDCP) to
provide VBUS from 3.6V to 12V in 200mV increments
● Double-layer cable protection:
x
Secondary side (iW662): Proprietary D+/D- over-
voltage protection (OVP) addresses VBUS D+/D-soft
shorts
x
Primary side (iW1790/iW1796): advanced fault
control technology reduces average output power
at fault conditions without latch
● Adaptive OVP/UV detection for most VBUS levels
● Backward compatible with QC2.0 and USB Battery
Charging Specification Revision 1.2 (USB BC1.2)
● Wide operating voltage range from 3V to 16V
● Programmable active fast discharge from a high
voltage to 5V at MD unplug or from a high voltage
level to a lower level upon request with built-in switch
or external switch
● Intelligent low power mode enables < 20mW no-load
power consumption
● 8-Lead SOIC package


Similar Part No. - IW662

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW662 DIALOG-IW662 Datasheet
605Kb / 8P
AC/DC Secondary-Side Synchronous Rectification and Rapid Charge
More results

Similar Description - IW662

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APR343 DIODES-APR343 Datasheet
473Kb / 12P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 4
logo
ON Semiconductor
NCP4371 ONSEMI-NCP4371_16 Datasheet
109Kb / 13P
Qualcomm Quick Charge 3.0 HVDCP Controller
March, 2016 ??Rev. P1
logo
Dialog Semiconductor
IW626 DIALOG-IW626 Datasheet
422Kb / 7P
AC/DC Secondary-Side Controller for Qualcomm
IW629 DIALOG-IW629 Datasheet
392Kb / 6P
AC/DC Secondary-Side Controller for Qualcomm
IW636 DIALOG-IW636 Datasheet
393Kb / 7P
AC/DC Secondary-Side Controller for Qualcomm
IW662 DIALOG-IW662 Datasheet
605Kb / 8P
AC/DC Secondary-Side Synchronous Rectification and Rapid Charge
IW1791 DIALOG-IW1791 Datasheet
462Kb / 6P
AC/DC Primary-Side Rapid ChargeTM PWM Controller
logo
ON Semiconductor
FAN6230A ONSEMI-FAN6230A Datasheet
1Mb / 29P
Secondary-Side Synchronous Rectification Controller
May 2015 Rev. 1.1
logo
Renesas Technology Corp
IW636 RENESAS-IW636 Datasheet
556Kb / 7P
AC/DC Secondary-Side Controller for Qualcomm® Quick ChargeTM 3.0 USB Interface
01-Feb-2022
IW709 RENESAS-IW709 Datasheet
542Kb / 6P
AC/DC Secondary-Side Controller with Integrated Synchronous Rectification for USB PD 3.0 w/PPS and Qualcomm® Quick ChargeTM 4 (QC2.0/QC3.0/QC4)
23-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com