Electronic Components Datasheet Search
  English  ▼

X  

MAMWLE-01 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # MAMWLE-01
Description  Low Power Radio Module with M4/MO Core.
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MAMWLE-01 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button MAMWLE-01 Datasheet HTML 7Page - List of Unclassifed Manufacturers MAMWLE-01 Datasheet HTML 8Page - List of Unclassifed Manufacturers MAMWLE-01 Datasheet HTML 9Page - List of Unclassifed Manufacturers MAMWLE-01 Datasheet HTML 10Page - List of Unclassifed Manufacturers MAMWLE-01 Datasheet HTML 11Page - List of Unclassifed Manufacturers MAMWLE-01 Datasheet HTML 12Page - List of Unclassifed Manufacturers MAMWLE-01 Datasheet HTML 13Page - List of Unclassifed Manufacturers MAMWLE-01 Datasheet HTML 14Page - List of Unclassifed Manufacturers MAMWLE-01 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Pag | 25
Pag | 24
MAMWLExx - Move Solutions
MAMWLExx - Move Solutions
7. HOW TO PROGRAM & DEBUG THE MAMWLEXX
HOW TO DEVELOP WITH MAMWLEXX
The MAMWLExx is compatible with all the software development environment that works
for the STM32 microcontroller series (e.g. STM32CubeIDE, Keil uVision, IAR Embedded).
The RF switch that selects the Tx/Rx path of the module is controlled by the STM32WL by
three GPIOs. Those GPIOs (PC3, PC4, PC5) aren’t output in the MAMWLExx footprint, but must
be driven in the firmware to use the RF part as desired (see tab). Same thing applies to pin
PB0 of the STM32WL that is connected (internally to the module) at the TCXO alimentation.
TCXO must be ON when using the RF part and can be OFF the rest of the time reducing the
overall consumption.
This choice of control pins for the RF switch and the TCXO is the same as ST Microelectronics.
In this way the user can run without further modification the code examples that comes
within the firmware packages released by ST for the STM32WL series.
Those example in the firmware packages are also the best way to start a new project with
the MAMWLExx.
HOW TO PROGRAM & DEBUG
There are many way to program and debug the MAMWLExx. The MAMWLExx comes with an
internal bootloader that support boot from SPI and USART, in addition the module can also
be programmed and debugged via the JTAG/SWD interface.
The best way to access those interfaces for programming is through the ST-LINK V3
debugger/programmer for STM32 micro series. The ST-link act like a bridge between the
board and the PC. It communicates with the PC via a microB-USB cable and has many
headers for connecting with various subsets of the SPI/USART/JTAG/SWD intefaces of the
module. If you would like to program using SPI or USART see
AN2606 from ST first because
there are some details that you must pay attention of. For example if you would like to
RF front-end configuration
PC4
PC5
PC3
TX high output power
Low
High
High
TX low output power
High
High
High
RX
High
Low
High
Power -down
Low
Low
Low
The u.FL connector is already applied on the top of the module with a high performance
Pi Filter, so there is no need to design any RF circuit to implement the module. To give the
best flexibility to the designer MAMWLExx implements a 50 Ohm pin antenna to enhance
a complete custom antenna design.
The module can implement Over-The-Air Firmware updates.
USING HEADER CN1 OF ST-LINK:
CN1 support the SWD/JTAG interface for programming and debugging the application
and provides a virtual com port (COM or VCP) that make simple printing string in a serial
terminal. To be able to connect the board to CN1, the board should have a twin header of
CN1 connected to the module like shown in the figure. While programming through CN1 is
not necessary to connect BOOT0 to VCC.
STM32 CUBE IDE,
KEIL,
OTHER...
MAMWLE
BOARD
ST-LINK
USB
FLAT RIBBON
(comes with ST-LINK)
boot from USART1 only pin PA9, PA10 (and not on all pins that support USART1) are fine.
Among all the possible ST-link V3 headers, below we indicate an easy way of connection
that suits either programming and debugging. For further information on other ST-link
possibility please see the
UM2448 user manual from ST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com