Electronic Components Datasheet Search
  English  ▼

X  

TPSM82912 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPSM82912
Description  TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM82912 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPSM82912 Datasheet HTML 9Page - Texas Instruments TPSM82912 Datasheet HTML 10Page - Texas Instruments TPSM82912 Datasheet HTML 11Page - Texas Instruments TPSM82912 Datasheet HTML 12Page - Texas Instruments TPSM82912 Datasheet HTML 13Page - Texas Instruments TPSM82912 Datasheet HTML 14Page - Texas Instruments TPSM82912 Datasheet HTML 15Page - Texas Instruments TPSM82912 Datasheet HTML 16Page - Texas Instruments TPSM82912 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
6.6 Typical Characteristics (continued)
VIN = 12 V, VOUT = 1.2 V, TA = 25°C, BOM = Table 8-1, (unless otherwise noted)
Frequency (Hz)
1x101
1x102
1x103
1x104
1x105
20
30
40
50
60
70
80
90
100
110
120
12Vin 3.3Vout 1A
12Vin 3.3Vout 2A
12Vin 3.3Vout 3A
12 V to 3.3 V
2.2 μH, 2.2 MHz
1 A, 2 A, 3 A
After ferrite bead
filter
Figure 6-35. PSRR vs Frequency
VIN = 5 V
Figure 6-36. High-Side RDS(ON) vs Junction Temperature
VIN = 5 V
Figure 6-37. Low-Side RDS(ON) vs Junction Temperature
1 MHz, 2 A
Figure 6-38. FB Pin Voltage Error vs Input Voltage
5 VIN to 0.8 VOUT
1 MHz
Figure 6-39. Output Voltage Error vs Load
12 VIN
1 MHz
Figure 6-40. Oscillator Frequency vs Temperature
www.ti.com
TPSM82913
SLVSGJ4A – OCTOBER 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPSM82913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com