Electronic Components Datasheet Search
  English  ▼

X  

100281 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 100281
Description  RevPi Con M-Bus
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

100281 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  100281 Datasheet HTML 1Page - List of Unclassifed Manufacturers 100281 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RevPi Con M-Bus VHP
Article No.: 100282
Housing dimensions (H x W x D)
96 x 22.5 x 110.5 mm
Housing type
DIN rail housing (for DIN rail version EN 50022)
Housing material
Polycarbonate
Weight
approx. 115 g
IP Code
IP20
Power supply
power supply via ConBridge
Operating temperature
-20 °C....+60 °C
Storage temperature
-40 °C....+70 °C
Humidity (at 40 °C)
93 % (non-condensing)
Connectors
SMA jack (female)
Optical indicator
1 status LED (green)
M-Bus module
Radiocraft RC1701VHP-MBUS4
Frequency band
169 MHz
Number of radio channels
10
RF data rate
2.4, 4.8, 19.2 kbps
RX sensitivity
-119/-115/-107 dBm
Indicative LOS (indicative Line-of-Sight)
max. 8000 m
Connection compatibility
Exclusively connectable via ConBridge of RevPi Connect
Conformity
CE (only in combination with 0 dBm antenna), RoHS
ESD test
Passed (according to EN 61000-4-2)
Technical Data
Version: EN 1.2
page 2/2
Errors excepted and possible alterations without prior notice.
KUNBUS GmbH, Heerweg 15C, 73770 Denkendorf, Germany | Tel: +49 (0) 711 400 91 500 | Fax: +49 (0) 711 400 91 501 | Email: info@kunbus.com | Web: www.kunbus.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com