Electronic Components Datasheet Search
  English  ▼

X  

MA40192 Datasheet(PDF) 2 Page - Advanced Semiconductor

Part # MA40192
Description  SCHOTTKY BARRIER MIXER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MA40192 Datasheet(HTML) 2 Page - Advanced Semiconductor

  MA40192 Datasheet HTML 1Page - Advanced Semiconductor MA40192 Datasheet HTML 2Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
2/2
MA40192
Specifications are subject to change without notice.
DYNAMIC CHARACTERISTICS
PACKAGE OUTLINE
PACKAGE OUTLINE
Conversion Loss
F = 9.375 GHz
RL = 22 Ohms
0
5
10
15
-20 -18 -16 -14 -12 -10
-8
-6
-4
-2
0
LO Pow er - dBm
ZIF
F = 9.375 GHz
RL = 10 Ohms
100
10000
-20 -18 -16 -14 -12 -10 -8
-6
-4
-2
0
LO Pow er - dBm
Body Color: Clear



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com