Electronic Components Datasheet Search
  English  ▼

X  

ASI30285 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # ASI30285
Description  SCHOTTKY BARRIER MIXER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASI30285 Datasheet(HTML) 1 Page - Advanced Semiconductor

  ASI30285 Datasheet HTML 1Page - Advanced Semiconductor ASI30285 Datasheet HTML 2Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/2
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
VF
IF = 1.0 mA
200
250
mV
VBR
IR = 200
µA
0.8
V
CJ0
VR = 0 V
f = 1 MHz
0.2
pF
Con. Loss
NF
ZIF
F = 9.375 Ghz
PLO = -10 dBm
IF = 10 KHz
NIF = 1.5 dB
RL = 22
Ω
5.5
9.0
250
6.0
12.0
dB
dB
Ohms
Note: Add MP suffix for matched pairs and MQ suffix for matched quads (
∆Z
IF = 25
Ω /∆NF = 0.5 dB).
SCHOTTKY BARRIER MIXER DIODE
MA40192
DESCRIPTION:
The
MA40192 is a Silicon Schottky
Barrier Diode Designed for Starved LO
Mixer Applications up to 10 GHz.
FEATURES:
• Replacement for MA/COM MA40192
• Available as matched pairs and
matched quads
• Hermetic Glass Package
MAXIMUM RATINGS
IF
10 mA
VR
2.0 V
PDISS
300 mW @ TC = 25
OC
TJ
-65
OC to +150 OC
TSTG
-65
OC to +150 OC
Tsoldering
+230
OC for 5 Seconds
PACKAGE STYLE 01
ASI ORDER CODE: ASI30285


Similar Part No. - ASI30285

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ASI30217 ASI-ASI30217 Datasheet
17Kb / 1P
MICROSTRIP/STRIPLINE PIN DIODE SWITCH
REV. A
ASI30264 ASI-ASI30264 Datasheet
20Kb / 1P
BATCH MATCHED BEAM LEAD SCHOTTKY DIODE
ASI30291 ASI-ASI30291 Datasheet
13Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
REV. A
More results

Similar Description - ASI30285

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSC276 HITACHI-HSC276 Datasheet
24Kb / 5P
Silicon Schottky Barrier Diode for Mixer
HSC276A HITACHI-HSC276A Datasheet
20Kb / 5P
Silicon Schottky Barrier Diode for Mixer
HSU276 HITACHI-HSU276 Datasheet
24Kb / 5P
Silicon Schottky Barrier Diode for Mixer
HSU276A HITACHI-HSU276A Datasheet
21Kb / 5P
Silicon Schottky Barrier Diode for Mixer
logo
Advanced Semiconductor
D1504-8M ASI-D1504-8M Datasheet
19Kb / 1P
SILICON SCHOTTKY BARRIER MIXER DIODE
logo
Renesas Technology Corp
HSB88WS RENESAS-HSB88WS Datasheet
79Kb / 5P
Silicon Schottky Barrier Diode for Balanced Mixer
HSU276A RENESAS-HSU276A Datasheet
141Kb / 5P
Silicon Schottky Barrier Diode for Mixer
HSM276ASR RENESAS-HSM276ASR Datasheet
141Kb / 5P
Silicon Schottky Barrier Diode for Balanced Mixer
HSM276S RENESAS-HSM276S Datasheet
148Kb / 5P
Silicon Schottky Barrier Diode for Balanced Mixer
HSC276A RENESAS-HSC276A Datasheet
141Kb / 5P
Silicon Schottky Barrier Diode for Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com