Electronic Components Datasheet Search
  English  ▼

X  

MA41202C Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # MA41202C
Description  SILICON DETECTOR DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MA41202C Datasheet(HTML) 1 Page - Advanced Semiconductor

  MA41202C Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
NONE
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
NF
OVERALL NOISE FIGURE
9.8
dB
CL
CONVERSION LOSS
6.5
dB
VSWR
VOLTAGE STANDING WAVE RATIO
1.5
---
ZIF
IF IMPEDANCE
335
465
Ω
Ω
Ω
Ω
fRange
Niif = 1.5 dB
RL = 100
Ω
f = 9.375 GHz
8.2
12.4
GHz
SILICON DETECTOR DIODE
MA41202C
DESCRIPTION:
The
MA41202C is a High Burnout
Point Contact Mixer Diode.
MAXIMUM RATINGS
I
20 mA
V
1.0 V
PDISS
10 ERGS @ TC = 25
OC
TJ
-55
OC to +150 OC
TSTG
-55
OC to +150 OC
PACKAGE STYLE DO-23


Similar Part No. - MA41202C

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA4120 PANASONIC-MA4120 Datasheet
107Kb / 7P
Silicon planar type
MA41200H PANASONIC-MA41200H Datasheet
107Kb / 7P
Silicon planar type
MA41200L PANASONIC-MA41200L Datasheet
107Kb / 7P
Silicon planar type
MA41200M PANASONIC-MA41200M Datasheet
107Kb / 7P
Silicon planar type
More results

Similar Description - MA41202C

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE555 NTE-NTE555 Datasheet
20Kb / 2P
Silicon Pin Diode UHF/VHF Detector
logo
List of Unclassifed Man...
1N830 ETC1-1N830 Datasheet
100Kb / 1P
SILICON UHF DETECTOR DIODE
logo
Advanced Semiconductor
A2S263 ASI-A2S263 Datasheet
15Kb / 1P
SILICON SCHOTTKY BARRIER DETECTOR DIODE
MA40232-119 ASI-MA40232-119 Datasheet
15Kb / 1P
SILICON DETECTOR DIODE
logo
Renesas Technology Corp
RKD750KP RENESAS-RKD750KP Datasheet
65Kb / 5P
Silicon Schottky Barrier Diode for Detector
HSD276A RENESAS-HSD276A Datasheet
142Kb / 5P
Silicon Schottky Barrier Diode for Detector
HSL278 RENESAS-HSL278 Datasheet
145Kb / 5P
Silicon Schottky Barrier Diode for Detector
HSL285 RENESAS-HSL285 Datasheet
54Kb / 5P
Silicon Schottky Barrier Diode for Detector
RKD750KN RENESAS-RKD750KN Datasheet
155Kb / 5P
Silicon Schottky Barrier Diode for Detector
HSL276A RENESAS-HSL276A Datasheet
144Kb / 5P
Silicon Schottky Barrier Diode for Detector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com