Electronic Components Datasheet Search
  English  ▼

X  

MA45334 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # MA45334
Description  SILICON ABRUPT TUNING VARACTOR DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MA45334 Datasheet(HTML) 1 Page - Advanced Semiconductor

  MA45334 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. C
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
NONE
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
VB
IR = 10
µA
30
V
CT-4
VR = 4.0 V
f = 1.0 MHz
9.0
10
11
pF
∆∆∆∆C
T
CT0/CT30
f = 1.0 MHz
4.6
Q
VR = 4.0 V
f = 50 MHz
1300
TCC
VR = 4.0 V
f = 1.0 MHz
300
PPM/
OC
SILICON ABRUPT TUNING VARACTOR DIODE
MA45334
DESCRIPTION:
The
ASI MA45334 is a Silicon Abrupt
Tuning Varactor, designed for
applications through S-band.
FEARTURES:
• High Q
• Low Leakage
• Low Post Tuning Drift
MAXIMUM RATINGS
V
30 V
PDISS
200 mW @ TC = 25 °C
TJ
-65 °C to +150 °C
TSTG
-65 °C to +150 °C
PACKAGE STYLE DO-7


Similar Part No. - MA45334

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MA4530 SHINDENGEN-MA4530 Datasheet
481Kb / 9P
Power Switching Regulators
More results

Similar Description - MA45334

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MV1863D ASI-MV1863D Datasheet
15Kb / 1P
SILICON ABRUPT TUNING VARACTOR DIODE
REV. A
AT6017-10 ASI-AT6017-10 Datasheet
16Kb / 1P
SILICON ABRUPT JUNCTION TUNING VARACTOR
AT6019M ASI-AT6019M Datasheet
16Kb / 1P
SILICON ABRUPT JUNCTION TUNING VARACTOR
AT9017-10 ASI-AT9017-10 Datasheet
16Kb / 1P
SILICON ABRUPT JUNCTION TUNING VARACTOR
MA45851 ASI-MA45851 Datasheet
22Kb / 1P
SILICON ABRUPT TUNING VARACTOR DIODE
PC115A ASI-PC115A Datasheet
20Kb / 1P
SILICON ABRUPT TUNING VARACTOR
logo
Tyco Electronics
MA45400 MACOM-MA45400 Datasheet
55Kb / 3P
Si Abrupt Tuning Varactor Diode
logo
M/A-COM Technology Solu...
MA45400 MA-COM-MA45400 Datasheet
59Kb / 3P
Si Abrupt Tuning Varactor Diode
MA45400 MA-COM-MA45400 Datasheet
59Kb / 3P
Si Abrupt Tuning Varactor Diode
MA45400 MA-COM-MA45400_15 Datasheet
59Kb / 3P
Si Abrupt Tuning Varactor Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com