Electronic Components Datasheet Search
  English  ▼

X  

PT2294 Datasheet(PDF) 13 Page - Princeton Technology Corp

Part # PT2294
Description  Remote Control Decoder IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2294 Datasheet(HTML) 13 Page - Princeton Technology Corp

Back Button PT2294 Datasheet HTML 9Page - Princeton Technology Corp PT2294 Datasheet HTML 10Page - Princeton Technology Corp PT2294 Datasheet HTML 11Page - Princeton Technology Corp PT2294 Datasheet HTML 12Page - Princeton Technology Corp PT2294 Datasheet HTML 13Page - Princeton Technology Corp PT2294 Datasheet HTML 14Page - Princeton Technology Corp PT2294 Datasheet HTML 15Page - Princeton Technology Corp PT2294 Datasheet HTML 16Page - Princeton Technology Corp PT2294 Datasheet HTML 17Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2294 V1.2
- 13 -
April, 2006
Remote Control Decoder IC
PT2294
APPLICATION CIRCUIT
NO DATA RF APPLICATION
Pin1~8, Pin 10~13 Address Datas must be paired with PT2264.
A0
A1
A2
A3
A4
A5
A6
A7
VCC
VT
OSC1
OSC2
DIN
A11/D0
A10/D1
A9/D2
VSS
A8/D3
1
3
2
4
5
6
7
8
9
18
16
17
15
14
13
12
11
10
P 2294
T
RF
Receiver
VCC
Rosc
560K
LED 1
Notes:
1. Suggested oscillator resistor values (Rosc), please refer to page 7.
2. The LED is indicated when PT2294 receives valid transmission waveform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com