Electronic Components Datasheet Search
  English  ▼

X  

MRF171 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # MRF171
Description  N-Channel Enhancement Mode TMOS RF FET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MRF171 Datasheet(HTML) 1 Page - Advanced Semiconductor

  MRF171 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25 °C
NONE
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
BVDSS
IDS = 10 mA
VGS = 0 V
65
V
IDSS
VDS = 28 V
VGS = 0 V
5.0
mA
IGSS
VDS = 0 V
VGS = 20 V
1.0
µA
VGS(th)
ID = 25 mA
VDS = 10 V
1.0
6.0
V
gfs
ID = 1 A
VDS = 10 V
0.7
mho
Ciss
Coss
Crss
VDS = 28 V
VGS = 0 V
f = 1.0 MHz
55
70
14
pF
Gps
η
VDD = 28 V
IDQ = 25 mA
Pout = 45 W
f = 150 MHz
12
50
15
60
dB
%
TMOS RF FET
N-Channel Enhancement Mode
MRF171
DESCRIPTION:
The
ASI MRF171 is a gold metallized
N-Channel Enhancement mode
MOSFET, intended for use in 28 VDC
large signal applications to 200 MHz.
FEATURES:
• P
G = 12 dB min at 150 MHz
• Omnigold™ Metalization System
• 2 – 200 MHz operation
MAXIMUM RATINGS
ID
4.5 A
VDSS
65 V
VDGR
65 V
VGS
± 40 V
PDISS
115 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +150 °C
θ
JC
1.52 °C/W
PACKAGE STYLE .380 4L FLG
MINIMUM
inches / mm
.970 / 24.64
B
C
D
E
F
G
A
MAXIMUM
.385 / 9.78
.980 / 24.89
inches / mm
H
.160 / 4.06
.180 / 4.57
DIM
.220 / 5.59
.230 / 5.84
.105 / 2.67
.085 / 2.16
I
J
.240 / 6.10
.255 / 6.48
.785 / 19.94
F
B
G
.125
Ø.125 NOM.
FULL R
D
E
C
H
.112 x 45°
A
I
J
.004 / 0.10
.006 / 0.15
.280 / 7.11
.720 / 18.29
.730 / 18.54
S
S
D
G


Similar Part No. - MRF171

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MRF171 NJSEMI-MRF171 Datasheet
51Kb / 1P
TMOS RF FET N-Channel Enhancement Mode
logo
Tyco Electronics
MRF171A MACOM-MRF171A Datasheet
225Kb / 12P
MOSFET BROADBAND RF POWER FET
logo
M/A-COM Technology Solu...
MRF171A MA-COM-MRF171A Datasheet
472Kb / 14P
The RF MOSFET Line 45W, 150MHz, 28V
MRF171A MA-COM-MRF171A Datasheet
472Kb / 14P
The RF MOSFET Line 45W, 150MHz, 28V
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
RF Power Field-Effect Transistor
More results

Similar Description - MRF171

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BS170 MOTOROLA-BS170 Datasheet
77Kb / 4P
TMOS FET Switching(N-Channel-Enhancement)
MGSF1N02LT1 MOTOROLA-MGSF1N02LT1 Datasheet
187Kb / 6P
N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
MGSF1N03LT1 MOTOROLA-MGSF1N03LT1 Datasheet
183Kb / 6P
N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
MGSF3442VT1 MOTOROLA-MGSF3442VT1 Datasheet
142Kb / 6P
N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
MGSF3442XT1 MOTOROLA-MGSF3442XT1 Datasheet
86Kb / 4P
N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
MMBF0201N MOTOROLA-MMBF0201N Datasheet
178Kb / 6P
N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
MMFT108T1 MOTOROLA-MMFT108T1 Datasheet
91Kb / 6P
TMOS FET TRANSISTOR N-CHANNEL - ENHANCEMENT
logo
Seme LAB
2N6796 SEME-LAB-2N6796_03 Datasheet
22Kb / 2P
TMOS FET ENHANCEMENT N - CHANNEL
logo
Motorola, Inc
VN2410LG MOTOROLA-VN2410LG Datasheet
61Kb / 4P
TMOS FET Transistor N-Channel - Enhancement
logo
New Jersey Semi-Conduct...
MRF171 NJSEMI-MRF171 Datasheet
51Kb / 1P
TMOS RF FET N-Channel Enhancement Mode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com