Electronic Components Datasheet Search
  English  ▼

X  

MRF342 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # MRF342
Description  SILICON POWER NPN TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MRF342 Datasheet(HTML) 1 Page - Advanced Semiconductor

  MRF342 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25 °C
TRANS1.SYM
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
BVCEO
IC = 20 mA
35
V
BVCES
IC = 20 mA
65
V
BVCBO
IC = 20 mA
65
V
BVEBO
IE = 2.0 mA
4.0
V
ICES
VCE = 27 V
2.0
mA
hFE
VCE = 5.0 V
IC = 1.0 A
10
100
---
COB
VCB = 27 V
f = 1.0 MHz
20
30
pF
GPE
VCC = 13.5 V
POUT = 6.0 W
f = 136 MHz
10
11.5
dB
GPE
η
C
VCC = 27 V
POUT = 24 W
f = 136 MHz
11
50
12.3
60
dB
%
SILICON POWER NPN TRANSISTOR
MRF342
DESCRIPTION:
The
ASI MRF342 is designed for
VHF amplifier applications operating to
150 MHz.
MAXIMUM RATINGS
IC
3.0 A
VCEO
35 V
VCBO
65 V
VEBO
4.0 V
PDISS
55 W @ TC = 25 °C
TJ
-55 °C to +150 °C
TSTG
-55 °C to +150 °C
θ
JC
3.2 °C/W
PACKAGE STYLE TO-220AB
1 = Base 2 = Emitter 3 = Collector
4 = Emitter


Similar Part No. - MRF342

ManufacturerPart #DatasheetDescription
logo
America Semiconductor, ...
MRF342 AMERICASEMI-MRF342 Datasheet
4Mb / 2P
NPN EPITAXIAL PLANAR TYPE RF POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
MRF342 NJSEMI-MRF342 Datasheet
87Kb / 1P
SILICON POWER NPN TRANSISTOR
More results

Similar Description - MRF342

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
logo
Unisonic Technologies
MJE13003K UTC-MJE13003K Datasheet
313Kb / 8P
NPN SILICON POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com