Electronic Components Datasheet Search
  English  ▼

X  

MRF374 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # MRF374
Description  NPN SILICON RF POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MRF374 Datasheet(HTML) 1 Page - Advanced Semiconductor

  MRF374 Datasheet HTML 1Page - Advanced Semiconductor MRF374 Datasheet HTML 2Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/2
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
VDSS
IDS = 1.0 µA
65
V
IDSS
VDS = 28 V
1.0
µA
IGSS
VGS = 20 V
1.0
µµµµA
VGS(th)
VDS = 10 V
ID = 200 µA
2.0
3.5
4.0
V
VGS(Q)
VDS = 28 V
ID = 100 mA
3.0
4.2
5.0
V
VDS(ON)
VDS = 10 V
ID = 3.0 A
0.56
0.8
V
GFS
VDS = 10 V
ID = 3.0 A
2.2
2.8
S
NPN SILICON RF POWER TRANSISTOR
MRF374
DESCRIPTION:
The
ASI MRF374 is Designed for
broadband commercial and industrial
applications in 470 to 860 MHz band.
FEATURES:
• P
G = 13.5 dB typ. at 100 W/875 MHz
• ηηηη
D = 36 % Typical
• Omnigold™ Metalization System
MAXIMUM RATINGS
ID
7.0 A
VDSS
65 V
VGS
±20 V
PDISS
270 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +150 °C
θθθθ
JC
0.65 °C/W
PACKAGE STYLE .230 BAL FLG.


Similar Part No. - MRF374

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MRF374 NJSEMI-MRF374 Datasheet
158Kb / 3P
RF Power Field-Effect Transistor
logo
Motorola, Inc
MRF374A MOTOROLA-MRF374A Datasheet
783Kb / 12P
RF POWER FIELD EFFECT TRANSISTOR
logo
Freescale Semiconductor...
MRF374A FREESCALE-MRF374A Datasheet
370Kb / 12P
RF Power Field Effect Transistors
MRF374A FREESCALE-MRF374A_06 Datasheet
370Kb / 12P
RF Power Field Effect Transistors
More results

Similar Description - MRF374

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com