Electronic Components Datasheet Search
  English  ▼

X  

3CSFP81-C Datasheet(PDF) 4 Page - ATGBICS by Approved Technology

Part # 3CSFP81-C
Description  3CSFP81 3COM Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

3CSFP81-C Datasheet(HTML) 4 Page - ATGBICS by Approved Technology

  3CSFP81-C Datasheet HTML 1Page - ATGBICS by Approved Technology 3CSFP81-C Datasheet HTML 2Page - ATGBICS by Approved Technology 3CSFP81-C Datasheet HTML 3Page - ATGBICS by Approved Technology 3CSFP81-C Datasheet HTML 4Page - ATGBICS by Approved Technology 3CSFP81-C Datasheet HTML 5Page - ATGBICS by Approved Technology 3CSFP81-C Datasheet HTML 6Page - ATGBICS by Approved Technology 3CSFP81-C Datasheet HTML 7Page - ATGBICS by Approved Technology 3CSFP81-C Datasheet HTML 8Page - ATGBICS by Approved Technology 3CSFP81-C Datasheet HTML 9Page - ATGBICS by Approved Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_3CSFP81-C_V2
Page 4 of 10
Product Datasheet
Optical Parameters (TOP = -40 to 85
°C, VCC = 3.135 to 3.465 Volts)
Parameter
Symbol
Min.
Typical
Max.
Unit
Note
Transmitter Section:
Center Wavelength
λc
1260
1310
1360
nm
Spectral Width
σ
7.7
nm
Optical Output Power
Pout
-15
-8
dBm
1
Optical Rise/Fall Time
tr / tf
500
ps
2
Extinction Ratio
ER
8.2
dB
Generated Jitter (peak to peak)
JTXp-p
0.07
UI
3
Generated Jitter (rms)
JTXrms
0.007
UI
3
Eye Mask for Optical Output
Compliant with G.957(class 1 laser safety)
Receiver Section:
Optical Input Wavelength
λc
1260
1600
nm
Receiver Overload
Pol
-8
dBm
4
RX Sensitivity
Sen
-32
dBm
4
RX_LOS Assert
LOS A
-45
dBm
RX_LOS De-assert
LOS D
-33
dBm
RX_LOS Hysteresis
LOS H
0.5
dB
General Specifications:
Data Rate
BR
155
Mb/s
Bit Error Rate
BER
10-12
Max. Supported Link Length on
50/125μm MMF@155Mb/s
LMAX
2
km
Total System Budget
LB
17
dB
Notes:
1. The optical power is launched into MMF.
2. 20-80%.
3. Jitter measurements taken using Agilent OMNIBERT 718 in accordance with GR-253.
4. Measured with PRBS 27-1 at 10-12 BER



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com