Electronic Components Datasheet Search
  English  ▼

X  

MSC8001 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # MSC8001
Description  HIGH POWER GaAs FET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MSC8001 Datasheet(HTML) 1 Page - Advanced Semiconductor

  MSC8001 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
RF ELECTRICAL SPECIFICATIONS TA = 25 OC
TRANS1.SYM
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
MAG
MAX AVAILABLE GAIN
FREQUENCY
= 8.0 GHz
8.5
dB
PMAG
OUTPUT POWER AT MAG TUNING
FREQUENCY
= 8.0 GHz
24
dBm
HIGH POWER GaAs FET
MSC8001
FEATURES INCLUDE:
•
27.5 dBm Output Power with 7db
Associated Gain at 8 GHz
•
Power Optimized Design Provides
High Power-added Efficiency
•
Large Cross Section Ti/Pt/Au
Gates Enhance Durability and
Reliability
•
Chip Devices are Selected from
Standard Military Grade Wafers
•
Hermetic Metal/Ceramic Package
Suitable for Hi-Rel Applications
•
Custom Electrical Test and
Screening Available for Source
Control Drawings
FET PACKAGE TYPE 30


Similar Part No. - MSC8001

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MSC8004 ASI-MSC8004 Datasheet
18Kb / 1P
HIGH POWER GaAs FET
logo
Advanced Power Technolo...
MSC80064 ADPOW-MSC80064 Datasheet
147Kb / 3P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
More results

Similar Description - MSC8001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFA025AL ETC-EFA025AL Datasheet
28Kb / 2P
High Gain GaAs Power FET
FLC317MG-4 ETC1-FLC317MG-4 Datasheet
481Kb / 5P
High Voltage - High Power GaAs FET
logo
Eudyna Devices Inc
FLL21E004ME EUDYNA-FLL21E004ME Datasheet
252Kb / 6P
High Voltage - High Power GaAs FET
FLL21E010MK EUDYNA-FLL21E010MK Datasheet
308Kb / 6P
High Voltage - High Power GaAs FET
FLL21E040IK EUDYNA-FLL21E040IK Datasheet
371Kb / 6P
High Voltage - High Power GaAs FET
FLL21E180IU EUDYNA-FLL21E180IU Datasheet
155Kb / 6P
High Voltage - High Power GaAs FET
logo
Advanced Semiconductor
MSC8004 ASI-MSC8004 Datasheet
18Kb / 1P
HIGH POWER GaAs FET
logo
Excelics Semiconductor,...
EFA025AL EXCELICS-EFA025AL Datasheet
25Kb / 2P
High Gain GaAs Power FET
logo
TriQuint Semiconductor
CLY2 TRIQUINT-CLY2_15 Datasheet
109Kb / 8P
High-Power Packaged GaAs FET
logo
Mitsubishi Electric Sem...
MGF1601B-01 MITSUBISHI-MGF1601B-01 Datasheet
288Kb / 4P
High-power GaAs FET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com