Electronic Components Datasheet Search
  English  ▼

X  

MSC80278 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # MSC80278
Description  NPN RF TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MSC80278 Datasheet(HTML) 1 Page - Advanced Semiconductor

  MSC80278 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
TRANS1.SYM
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
BVCEO
IC = 5.0 mA
20
V
BVCBO
IC = 1.0 mA
50
V
BVEBO
IE = 1.0 mA
3.5
V
ICEO
VCE = 18 V
0.5
mA
hFE
VCE = 5.0 V
IC = 100 mA
15
120
---
GP
Pout = 28 dBm
f = 2.0 GHz
1.0
dB
COB
VCB = 28 V
f = 1.0 MHz
3.0
pF
NPN RF TRANSISTOR
MSC80278
DESCRIPTION:
The
ASI MSC80278 is a Silicon NPN
Microwave Transistor Supplied in a
Common Emitter Package, Designed
for linear Applications.
FEATURES:
• Emitter Ballasted
• Gold Metallization
• Hermetically sealed Package
MAXIMUM RATINGS
IC
300 mA
VCEO
20 V
PDISS
5.0 W @ TC = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +200 OC
θθθθ
JC
35
OC/W
PACKAGE 250 2L FLG
1 = Collector
2 = Emitter
3 = Base


Similar Part No. - MSC80278

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MSC80213 ASI-MSC80213 Datasheet
25Kb / 2P
NPN RF TRANSISTOR
More results

Similar Description - MSC80278

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MPS5179 FAIRCHILD-MPS5179 Datasheet
51Kb / 4P
NPN RF Transistor
MPS6543 FAIRCHILD-MPS6543 Datasheet
23Kb / 2P
NPN RF Transistor
logo
Advanced Semiconductor
MSC80213 ASI-MSC80213 Datasheet
25Kb / 2P
NPN RF TRANSISTOR
logo
Fairchild Semiconductor
BF240 FAIRCHILD-BF240 Datasheet
27Kb / 3P
NPN RF Transistor
2N5770 FAIRCHILD-2N5770_01 Datasheet
298Kb / 7P
NPN RF Transistor
MPS5179 FAIRCHILD-MPS5179_01 Datasheet
490Kb / 12P
NPN RF Transistor
PN918 FAIRCHILD-PN918_01 Datasheet
512Kb / 15P
NPN RF Transistor
MMBT5770 FAIRCHILD-MMBT5770 Datasheet
302Kb / 6P
NPN RF Transistor
MPSH-11 FAIRCHILD-MPSH-11 Datasheet
128Kb / 8P
NPN RF Transistor
logo
New Jersey Semi-Conduct...
MMBT918 NJSEMI-MMBT918 Datasheet
77Kb / 2P
NPN RF Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com