Electronic Components Datasheet Search
  English  ▼

X  

VFCP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VFCP
Description  Ultra High-Precision Z-Foil Flip Chip Resistor with TCR of ±0.05 ppm/°C, 35% Space Saving vs. Wraparound Design and PCR of 5 ppm at Rated Power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VFCP Datasheet(HTML) 1 Page - Vishay Siliconix

  VFCP Datasheet HTML 1Page - Vishay Siliconix VFCP Datasheet HTML 2Page - Vishay Siliconix VFCP Datasheet HTML 3Page - Vishay Siliconix VFCP Datasheet HTML 4Page - Vishay Siliconix VFCP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
For questions, contact foil@vishaypg.com
Vishay Foil Resistors
Document No.: 63106
Revision: 04-Nov-2013
www.vishayfoilresistors.com
1
VFCP Series (0805, 1206, 1506, 2010, 2512) (Z-Foil)
UltraHigh-PrecisionZ-FoilFlipChipResistorwithTCRof±0.05ppm/°C,35%SpaceSavingvs.WraparoundDesign
VFCP Series (0805, 1206, 1506, 2010, 2512) (Z-Foil)
Ultra High-Precision Z-Foil Flip Chip Resistor with TCR of
±0.05 ppm/°C, 35% Space Saving vs. Wraparound Design
and PCR of 5 ppm at Rated Power
Document No.: 63106
Revision: 04-Nov-2013
FEATURES
• Temperature coefficient of resistance (TCR):
± 0.05 ppm/°C nominal (0°C to + 60°C)
± 0.2 ppm/°C nominal (–55°C to +125°C, +25°C ref.)
(see Table 1 and Figure 2)
• Tolerance: to ±0.01% (100 ppm)
• Power coefficient “∆R due to self heating” 5 ppm at
rated power
• Load-life stability (70°C for 2000 h): ±0.005% (50 ppm)
• Power rating to: 600 mW at +70°C
• Electrostatic discharge (ESD): at least to 25 kV
• Resistance range: 5 Ω to 125 kΩ (for lower and higher
values, please contact us)
• Foil resistors are not restricted to standard values;
specific “as required” values can be supplied at no
extra cost or delivery (e.g., 1K2345 vs. 1K)
• Non-inductive, non-capacitive design
• Thermal stabilization time: <1 s (within 10 ppm of
steady state value)
• Short time overload: ≤0.005% (50 ppm)
• Non hot spot design
• Rise time: 1 ns effectively no ringing
• Current noise: <0.010 μVrms / V of applied voltage
(<–40 dB)
• Voltage coefficient: <0.1 ppm/V
• Non-inductive: <0.08 μH
• Terminal finishes available: lead (Pb)-free, tin/lead alloy
• Compliant to RoHS directive 2002/95/EC*
• Matched sets are available per request
• Prototype quantities available in just 5 working days or
sooner. For more information, please contact us.
INTRODUCTION
Based on VFR’s next-generation Bulk Metal® Z-Foil
technology, the VFCP Series (foil resistor flip-chip)
excels over all previous stability standards for precision
resistors with an order of magnitude improvement in
high-temperature stability, load-life stability, and moisture
resistance. These new benchmark levels of performance
provide design engineers with the tools to build circuits
not previously achievable while reducing costs and space
in the most critical applications by eliminating the need for
corrective circuitry and reducing the large land patterns
needed for a wrap-around configuration. The device’s flip-
chip configuration saves up to 35% PCB space compared
with a surface-mount chip with wraparound terminations
while also providing better strain relief to eliminate
cracked substrates and board delamination.
In addition to its remarkably improved load-life stability,
the VFCP Series is noise-free and provides ESD
protection of 25 kV or more for increased reliability. The
device’s solid element alloy is matched to the substrate,
forming a single entity with balanced resistance versus
temperature characteristics for an unusually low and
predictable TCR over a wide temperature range from
–55°C to more than +125°C. The adhesive that holds the
foil to the flat substrate withstands high temperatures,
pulsing power, moisture incursions, shock and vibration,
and low-temperature exposure while still holding securely
to the foil element. Resistance patterns are photo-etched
into the element to permit the trimming of resistance
values to very tight tolerances as low as 0.01%.
The Flip Chips devices are qualified as anti-sulfurated
resistors for use in environments with high levels of
contamination. Such environments include alternative
energy applications, industrial control systems,
sensors, RTDs, electric instrumentation, weather and
communication base stations, and any electronic
appliance used in high concentrations of sulfur. The
combination of flip-chip terminations and Z-Foil
construction and materials results in the most stable
resistors available, requiring the lowest error allowance.
This means that more error allowance can be transferred
to active devices—resulting in lower costs—or applied
to the foil resistors themselves, allowing for looser initial
tolerances than would be required for other resistor
technologies.
RELATED VIDEO
Refer to Bulk Metal® Foil Resistor TCR Performance
(Product Demo).
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - VFCP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VFCP VISHAY-VFCP Datasheet
130Kb / 5P
Ultra High Precision Z-Foil Flip Chip Resistor with TCR of ± 0.05 ppm/°C, 35 % Space Saving versus Wraparound Design and PCR of 5 ppm at Rated Power
28-Jun-07
VFCP0805 VISHAY-VFCP0805 Datasheet
130Kb / 5P
Ultra High Precision Z-Foil Flip Chip Resistor with TCR of ± 0.05 ppm/°C, 35 % Space Saving versus Wraparound Design and PCR of 5 ppm at Rated Power
28-Jun-07
VFCP1206 VISHAY-VFCP1206 Datasheet
130Kb / 5P
Ultra High Precision Z-Foil Flip Chip Resistor with TCR of ± 0.05 ppm/°C, 35 % Space Saving versus Wraparound Design and PCR of 5 ppm at Rated Power
28-Jun-07
VFCP1506 VISHAY-VFCP1506 Datasheet
130Kb / 5P
Ultra High Precision Z-Foil Flip Chip Resistor with TCR of ± 0.05 ppm/°C, 35 % Space Saving versus Wraparound Design and PCR of 5 ppm at Rated Power
28-Jun-07
VFCP2010 VISHAY-VFCP2010 Datasheet
130Kb / 5P
Ultra High Precision Z-Foil Flip Chip Resistor with TCR of ± 0.05 ppm/°C, 35 % Space Saving versus Wraparound Design and PCR of 5 ppm at Rated Power
28-Jun-07
More results

Similar Description - VFCP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
19-Apr-07
Z202 VISHAY-Z202 Datasheet
103Kb / 4P
Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 %
13-Nov-07
VCS232Z VISHAY-VCS232Z_08 Datasheet
113Kb / 4P
Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of 짹 0.05 ppm/째C,PCR of 5ppm at Rated Power and Tolerance of 짹0.02%
16-Apr-07
VCS1625Z VISHAY-VCS1625Z Datasheet
122Kb / 4P
Ultra High Precision Z-Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at Rated Power
25-Feb-08
VPR221SZ VISHAY-VPR221SZ Datasheet
118Kb / 5P
Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
11-Jun-07
VPR221Z VISHAY-VPR221Z Datasheet
114Kb / 4P
Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
16-Jul-07
VSA101 VISHAY-VSA101 Datasheet
120Kb / 5P
Ultra High Precision Axial Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power
03-Nov-08
VSMP VISHAY-VSMP Datasheet
138Kb / 4P
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at
18-Sep-08
VFCP VISHAY-VFCP Datasheet
130Kb / 5P
Ultra High Precision Z-Foil Flip Chip Resistor with TCR of ± 0.05 ppm/°C, 35 % Space Saving versus Wraparound Design and PCR of 5 ppm at Rated Power
28-Jun-07
Y16251K00000T9R VISHAY-Y16251K00000T9R Datasheet
851Kb / 5P
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at Rated Power and Load Life Stability of ± 0.005 % (50 ppm)
29-Oct-2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com