Electronic Components Datasheet Search
  English  ▼

X  

SCES296 Datasheet(PDF) 19 Page - Texas Instruments

Part # SCES296
Description  This users guide describes the characteristics, operation, and use of the TLV320AIC3204EVM-K.
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SCES296 Datasheet(HTML) 19 Page - Texas Instruments

Back Button SCES296 Datasheet HTML 15Page - Texas Instruments SCES296 Datasheet HTML 16Page - Texas Instruments SCES296 Datasheet HTML 17Page - Texas Instruments SCES296 Datasheet HTML 18Page - Texas Instruments SCES296 Datasheet HTML 19Page - Texas Instruments SCES296 Datasheet HTML 20Page - Texas Instruments SCES296 Datasheet HTML 21Page - Texas Instruments SCES296 Datasheet HTML 22Page - Texas Instruments SCES296 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
www.ti.com
AIC3204 Control Software
4.1.2.4
Headset Detection
The TLV320AIC3204EVM provides two terminal blocks (J8 and J4) that can be used to connect different
types of cellular headset jacks. For proper headset detection, the jack connections must comply with the
figure shown in the Headset Detection section of the datasheet.
The Headset Detection panel provides hardware setup information for a four-conductor stereo + cellular
jack, as seen in Figure 12.
As an example, if stereo headphones are connected to the four-conductor jack, the tip and ring carry the
AC-coupled HPL and HPR signal to the headphone speakers whereas the shield shorts the SCLK/MFP3
pin to ground. This results in a stereo headset detection.
Checking the Enable Polling box displays the headset type at the Headset Type Detected box.
Other flags related to this feature can be accessed at the Status Flags panel.
Figure 12. Headset Detection Panel
4.1.2.5
DC Measurement
Terminal block J3 on the TLV320AIC3204EVM can be used to evaluate the DC measurement feature.
The Information tab provides the hardware setup information.
The Left ADC (V) and Right ADC (V) boxes convert the register data to voltage. The voltage is derived
from the References shown at the upper right corner of the DC Measurement tab. The DC measurement
register data is in 2.22, 2s complement format.
19
SLAU266A – October 2008 – Revised October 2012
TLV320AIC3204EVM-K
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com