Electronic Components Datasheet Search
  English  ▼

X  

DOM40K3R3G Datasheet(PDF) 30 Page - Hanbit Electronics Co.,Ltd

Part # DOM40K3R3G
Description  40Pin Flash Disk Module Min.16MB ~ Max.4GB, True IDE Interface Mode, 3.3V / 5.0V Operating
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40K3R3G Datasheet(HTML) 30 Page - Hanbit Electronics Co.,Ltd

Back Button DOM40K3R3G Datasheet HTML 22Page - Hanbit Electronics Co.,Ltd DOM40K3R3G Datasheet HTML 23Page - Hanbit Electronics Co.,Ltd DOM40K3R3G Datasheet HTML 24Page - Hanbit Electronics Co.,Ltd DOM40K3R3G Datasheet HTML 25Page - Hanbit Electronics Co.,Ltd DOM40K3R3G Datasheet HTML 26Page - Hanbit Electronics Co.,Ltd DOM40K3R3G Datasheet HTML 27Page - Hanbit Electronics Co.,Ltd DOM40K3R3G Datasheet HTML 28Page - Hanbit Electronics Co.,Ltd DOM40K3R3G Datasheet HTML 29Page - Hanbit Electronics Co.,Ltd DOM40K3R3G Datasheet HTML 30Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
HANBit
HFDOM40K3R
URL:www.hbe.co.kr
30 / 30
HANBit Electronics Co., Ltd.
Rev. 2.0 (October. 2004)
NO
Parts
Capacity
Media transfer
mode
Operation
Mode
1
DOM40K3R016
16Mbyte
BYTE
True IDE
2
DOM40K3R032
32Mbyte
BYTE
True IDE
3
DOM40K3R064
64Mbyte
BYTE
True IDE
4
DOM40K3R096
96Mbyte
BYTE
True IDE
5
DOM40K3R128
128Mbyte
BYTE
True IDE
6
DOM40K3R192
192Mbyte
BYTE
True IDE
7
DOM40K3R256
256Mbyte
BYTE
True IDE
8
DOM40K3R384
384Mbyte
BYTE
True IDE
9
DOM40K3R512
512Mbyte
BYTE
True IDE
10
DOM40K3R1G
1Gbyte
BYTE
True IDE
11
DOM40K3R1.5G
1.5Gbyte
BYTE
True IDE
12
DOM40K3R2G
2Gbyte
BYTE
True IDE
13
DOM40K3R3G
3Gbyte
BYTE
True IDE
14
DOM40K3R4G
4Gbyte
BYTE
True IDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com