Electronic Components Datasheet Search
  English  ▼

X  

LC3000 Datasheet(PDF) 8 Page - PerkinElmer Optoelectronics

Part # LC3000
Description  High Performance, Low-Cost Analog Line Scan Camera
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

LC3000 Datasheet(HTML) 8 Page - PerkinElmer Optoelectronics

  LC3000 Datasheet HTML 1Page - PerkinElmer Optoelectronics LC3000 Datasheet HTML 2Page - PerkinElmer Optoelectronics LC3000 Datasheet HTML 3Page - PerkinElmer Optoelectronics LC3000 Datasheet HTML 4Page - PerkinElmer Optoelectronics LC3000 Datasheet HTML 5Page - PerkinElmer Optoelectronics LC3000 Datasheet HTML 6Page - PerkinElmer Optoelectronics LC3000 Datasheet HTML 7Page - PerkinElmer Optoelectronics LC3000 Datasheet HTML 8Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
www.perkinelmer.com/opto
© 2001 PerkinElmer Inc. All rights reserved.
PerkinElmer, the PerkinElmer logo and the stylized “P” are trademarks of PerkinElmer, Inc.
DSP-201.01D - 4/2002
Reticon is a registered trademark of PerkinElmer, Inc.
Analog Line Scan Camera
Page 8
Table 7. Stock Part Numbers
Camera Model
Resolution
Maximum Data Rate
LC3011PGN-022
512
10MHz
LC3012PGN-022
1024
10MHz
LC3013PGN-022
2048
10MHz
LC3021PGN-022
512
20MHz
LC3022PGN-022
1024
20MHz
LC3023PGN-022
2048
20MHz
LC3011PGC-0221
512
10MHz
LC3012PGC-0221
1024
10MHz
LC3013PGF-0222
2048
10MHz
LC3021PGC-0221
512
20MHz
LC3022PGC-0221
1024
20MHz
LC3023PGF-0222
2048
20MHz
For more information e-mail us at
opto@perkinelmer.com or visit our web
site at www.perkinelmer.com/opto.
All values are nominal; specifications
subject to change without notice.
Table 8. Sales Offices
North America
United States
PerkinElmer Optoelectronics
2175 Mission College Blvd.
Santa Clara, CA 95054
Toll Free: 800-775-OPTO (6786)
Phone: +1-408-565-0830
Fax: +1-408-565-0703
Europe
Germany
PerkinElmer Optoelectronics GmbH
Wenzel-Jaksch-Str. 31
D-65199 Wiesbaden, Germany
Phone: +49-611-492-570
Fax: +49-611-492-165
Asia
Japan
PerkinElmer Optoelectronics
NEopt. 18F, Parale Mitsui Building 8
Higashida-Cho, Kawasaki-Ku
Kawasaki-Shi, Kanagawa-Ken 210-0005 Japan
Phone: +81-44-200-9170
Fax: +81-44-200-9160
www.neopt.co.jp
Singapore
47 Ayer Rajah Crescent #06-12
Singapore 139947
Phone: +65-770-4925
Fax: +65-777-1008
Ordering Information
While the information provided in this
data sheet is intended to describe the
form, fit and function for this product,
PerkinElmer reserves the right to make
changes without notice.
Notes:
1. Includes C-mount adaptor
2. Includes F-mount adaptor
12586 Final Art 2 5/9/01 4:51 PM Page 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com