Electronic Components Datasheet Search
  English  ▼

X  

AS5045TR Datasheet(PDF) 17 Page - ams AG

Part # AS5045TR
Description  12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045TR Datasheet(HTML) 17 Page - ams AG

Back Button AS5045TR Datasheet HTML 13Page - ams AG AS5045TR Datasheet HTML 14Page - ams AG AS5045TR Datasheet HTML 15Page - ams AG AS5045TR Datasheet HTML 16Page - ams AG AS5045TR Datasheet HTML 17Page - ams AG AS5045TR Datasheet HTML 18Page - ams AG AS5045TR Datasheet HTML 19Page - ams AG AS5045TR Datasheet HTML 20Page - ams AG AS5045TR Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AS5045 12-BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
Revision 1.5
www.austriamicrosystems.com
Page 17 of 24
9
Alignment Mode
The alignment mode simplifies centering the magnet over
the center of the chip to gain maximum accuracy.
Alignment mode can be enabled with the falling edge of
CSn while Prog = logic high (Figure 14). The Data bits
D9-D0 of the SSI change to a 12-bit displacement
amplitude output. A high value indicates large X or Y
displacement, but also higher absolute magnetic field
strength. The magnet is properly aligned, when the
difference between highest and lowest value over one full
turn is at a minimum.
Under normal conditions, a properly aligned magnet will
result in a reading of less than 128 over a full turn.
The MagINCn and MagDECn indicators will be = 1 when
the alignment mode reading is < 128. At the same time,
both hardware pins MagINCn (#1) and MagDECn (#2) will
be pulled to VSS. A properly aligned magnet will
therefore produce a MagINCn = MagDECn = 1 signal
throughout a full 360° turn of the magnet.
Stronger magnets or short gaps between magnet and IC
may show values larger than 128. These magnets are
still properly aligned as long as the difference between
highest and lowest value over one full turn is at a
minimum.
The alignment mode can be reset to normal operation by
a power-on-reset (disconnect / re-connect power supply)
or by a falling edge on CSn with Prog = low.
AlignMode enable
Prog
CSn
Read-out
via SSI
2µs
min.
2µs
min.
Figure 14: Enabling the alignment mode
exit AlignMode
Prog
CSn
Read-out
via SSI
Figure 15: Exiting alignment mode
10 3.3V / 5V Operation
The AS5045 operates either at 3.3V ±10% or at 5V
±10%. This is made possible by an internal 3.3V Low-
Dropout (LDO) Voltage regulator. The internal supply
voltage is always taken from the output of the LDO,
meaning that the internal blocks are always operating at
3.3V.
For 3.3V operation, the LDO must be bypassed by
connecting VDD3V3 with VDD5V (see Figure 16:).
For 5V operation, the 5V supply is connected to pin
VDD5V, while VDD3V3 (LDO output) must be buffered by
a 2.2...10µF capacitor, which is supposed to be placed
close to the supply pin (see Figure 16:).
The VDD3V3 output is intended for internal use only It
must not be loaded with an external load.
The output voltage of the digital interface I/O’s
corresponds to the voltage at pin VDD5V, as the I/O
buffers are supplied from this pin (see Figure 16:).
LDO
I
N
T
E
R
F
A
C
E
2.2...10µF
100n
4.5 - 5.5V
DO
Prog
CLK
PWM
VDD3V3
VSS
VDD5V
5V Operation
Internal
VDD
CSn
LDO
100n
3.0 - 3.6V
VDD3V3
VSS
VDD5V
3.3V Operation
Internal
VDD
I
N
T
E
R
F
A
C
E
DO
Prog
CLK
PWM
CSn
Figure 16: Connections for 5V / 3.3V supply voltages
A buffer capacitor of 100nF is recommended in both
cases close to pin VDD5V. Note that pin VDD3V3 must
always be buffered by a capacitor. It must not be left
floating, as this may cause an instable internal 3.3V
supply voltage which may lead to larger than normal jitter
of the measured angle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com