Electronic Components Datasheet Search
  English  ▼

X  

BIONICFP9 Datasheet(PDF) 3 Page - Mantra Softech India Pvt Ltd. All Rights Reserved.

Part # BIONICFP9
Description  ENTERPRISE WIDE FACIAL RECOGNITION SYSTEM FACIAL TIME ATTENDANCE SYSTEM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MANTRA [Mantra Softech India Pvt Ltd. All Rights Reserved.]
Direct Link  https://www.mantratec.com
Logo MANTRA - Mantra Softech India Pvt Ltd. All Rights Reserved.

BIONICFP9 Datasheet(HTML) 3 Page - Mantra Softech India Pvt Ltd. All Rights Reserved.

  BIONICFP9 Datasheet HTML 1Page - Mantra Softech India Pvt Ltd. All Rights Reserved. BIONICFP9 Datasheet HTML 2Page - Mantra Softech India Pvt Ltd. All Rights Reserved. BIONICFP9 Datasheet HTML 3Page - Mantra Softech India Pvt Ltd. All Rights Reserved. BIONICFP9 Datasheet HTML 4Page - Mantra Softech India Pvt Ltd. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specification
Memory
AI Controller
Device Type
Camera
Screen Size
Processor
Card
Communication
Distance
Operating System
Sensor
Lighting Environment
Variant1
Fingerprint Sensor
User capacity 1:1 Matching
Environment
Software
Peripheral Ports
User capacity 1:N Matching
Mobile Device Management
Mounting Brackets
IP Compliant
Audio
Transactions
Variant1
Variant1
2 meter pole bracket for barrier
Wiegand
3K Users
: 5 inches,Full viewing angle, 170°IPS LCD screen, Resolution 720*1280
: AMLOGIC, Quad Core ARM Cortex A-55, 1.60 GHZ + ARM G31 Mali for 3D Graphics
Relay NO,NC.COM
: Android 9 or higher
Micro USB
: Infrared
: Built - in
: ISO 14443 Type A/B Mifare
: Ethernet, Bluetooth, WIFI
: Optional (3 Variants)
: Smart Facial Recognition & Fingerprint Terminal
: 25000 Users
: 500 DPI Optical Fingerprint Sensor
Attendance Application, Access Control Application
: Within 0.6 meter to 1 meter for best use case
: Power: DC Jack
: Operating Temperature:- 20 degree to +60 degree
Humidity:- 0 to 90 percentage Non-Condensing
: Mantra Standard MDM Software (Optional)
10K Users
LAN: Rj45
: Dual Lens camera RGB+IR, Focal Length: 4.3mm±5%, with 2 million pixels
: 8GB ROM
STQC / AADHAAR / UIDAI Certified
: Visitors Application, Canteen Application
RS-485
: 200000 Logs
: Digital Audio Speaker, Microphone
Turnstile Mount Bracket
: White LED
6K Users
: Wall Mount Bracket
: IP65 (Dual Weatherproof Enclosure)
ENTERPRISE WIDE FACIAL RECOGNITION SYSTEM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com