Electronic Components Datasheet Search
  English  ▼

X  

CF9.02.06 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CF9.02.06
Description  CABLE 4COND 20AWG BLUE 1=1FT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CF9.02.06 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CF9.02.06 Datasheet HTML 1Page - List of Unclassifed Manufacturers CF9.02.06 Datasheet HTML 2Page - List of Unclassifed Manufacturers CF9.02.06 Datasheet HTML 3Page - List of Unclassifed Manufacturers CF9.02.06 Datasheet HTML 4Page - List of Unclassifed Manufacturers CF9.02.06 Datasheet HTML 5Page - List of Unclassifed Manufacturers CF9.02.06 Datasheet HTML 6Page - List of Unclassifed Manufacturers CF9.02.06 Datasheet HTML 7Page - List of Unclassifed Manufacturers CF9.02.06 Datasheet HTML 8Page - List of Unclassifed Manufacturers CF9.02.06 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
09/2020
Guarantee
month guarantee
REACH
© igus® GmbH. Subject to misprints and errors. Technical modifications are possible at any time. Maybe older batches do not have all or
other features. Please refer regarding the availability of the items especially the information in the latest chainflex® catalogue.
Data sheet
Control cable (Class 7.6.4.2) l For heaviest duty applications l TPE outer jacket l Oil and
bio-oil resistant l PVC and halogen-free l Low-temperature-flexible l Hydrolysis and
microbe-resistant
chainflex® CF9
Example image
For detailed overview please see design table
1. Outer jacket: Pressure extruded, gusset-filling, halogen-
free TPE mixture
2. CFRIP: Tear strip for faster cable stripping
3. Core insulation: Mechanically high-quality TPE mixture
4. Conductor: Stranded conductor in especially bend-
resistant version consisting of bare copper wires
5. Strain relief: Tensile stress-resistant centre element
6. 12 cores or more: Bundles with optimised pitch length
and pitch direction
Cable structure
Conductor
Stranded conductor in especially bending-resistant version consisting of bare copper
wires (following DIN EN 60228).
Core insulation
Mechanically high-quality TPE mixture.
Core structure
Number of cores < 12: Cores wound in a layer with short pitch length.
Number of cores ≥ 12: Cores wound in bundles which are then wound around a high
tensile strength centre element, all with optimised short pitch lengths and directions.
Especially low-torsion structure.
Core identification
Cores < 0.75 mm²: Colour code in accordance with DIN 47100.
Cores ≥ 0.75 mm²: Black cores with white numbers, one green-yellow core.
CF9.02.03.INI: brown, blue, black
CF9.03.04.INI: brown, blue, black, white
CF9.03.05.INI: brown, blue, black, white, green-yellow
CF9.03.16.07.03.INI:
0.34 mm²: violet/red/grey/red-blue,green/grey-pink/white-green/white-yellow,white-
grey/black/yellow-brown/brown-green,white/yellow/pink/grey-brown
0.75 mm²:blue/green-yellow/brown
Outer jacket
Low-adhesion, extremely abrasion-resistant and highly flexible TPE mixture, adapted to
suit the requirements in e-chains®.
Colour: Steel-blue (similar to RAL 5011)
Printing: white
CFRIP®
Strip cables faster: a tear strip is moulded into the outer jacket
Video u www.igus.eu/CFRIP
„00000 m“** igus chainflex CF9.--.--j -----k 300/500V EAC CE
RoHS-II conform www.igus.de
+++ chainflex cable works +++
* Length printing: Not calibrated. Only intended as an orientation aid.
j
/ k Cable identification according to Part No. (see technical table).
Example: ... chainflex ... CF9.02.08 ... 8x0.25 ... 300 V/500 V ...


Similar Part No. - CF9.02.06

ManufacturerPart #DatasheetDescription
logo
Eldeco Srl
CF9 ELDECO-CF9 Datasheet
306Kb / 1P
Standard : UL - IEC 300V - 320V 8A - 15A
logo
Oxford Semiconductor
CF950 OXFORD-CF950 Datasheet
61Kb / 2P
Mobile Data Bridging
logo
Nippon Precision Circui...
CF9501A NPC-CF9501A Datasheet
138Kb / 10P
Radio Controlled Clock Receiver IC
logo
MTRONPTI
CF9733R MTRONPTI-CF9733R Datasheet
211Kb / 1P
Specification for 1575.42MHz GPS L1 Ceramic Filter
CF9734R MTRONPTI-CF9734R Datasheet
212Kb / 1P
Specification for 1227.60MHz GPS L2 Ceramic Filter
More results

Similar Description - CF9.02.06

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
68801-4084 MOLEX5-68801-4084 Datasheet
37Kb / 1P
Pico-EZmate??to-Pigtail cable assembly, 2 Circuits, 28AWG fused to 20AWG pigtails, stripped, Cable Length 0.152m
68801-4228 MOLEX5-68801-4228 Datasheet
37Kb / 1P
Pico-EZmate??to-Pigtail cable assembly, 4 Circuits, 28AWG fused to 20AWG pigtails,stripped, Cable Length 0.458m
logo
General Cable Technolog...
C2509A GENERAL-C2509A Datasheet
58Kb / 1P
2C 20AWG PP, OAS, PE
logo
SparkFun Electronics
CAB-14163 SPARKFUN-CAB-14163 Datasheet
64Kb / 1P
Audio Cable TRRS - 1ft
6??2??7
TOL-12783 SPARKFUN-TOL-12783 Datasheet
91Kb / 1P
Flexible Coolant Pipe - 1ft (1/2)
1/19/2016
logo
Coolgear Inc.
CG-CMCRM5A100-05M COOLGEAR-CG-CMCRM5A100-05M Datasheet
283Kb / 2P
1ft. USB 3.2 Gen 2 Type-C to Right Angle Type-C Cable 5A 100W
Rev 05.220505
USB3.0-ABM-1FT COOLGEAR-USB3.0-ABM-1FT Datasheet
361Kb / 2P
1ft USB 3.2 Gen 1 Cable A Male to B Male Device Cable
Rev 05.220506
logo
Molex Electronics Ltd.
797582129 MOLEX-797582129 Datasheet
147Kb / 1P
NANOFIT GOLD PLATED 150MM 20AWG
2019/05/14
logo
Belden Inc.
8725NH BELDEN-8725NH Datasheet
343Kb / 3P
AUDIO ANALOG 4 PAIR 20AWG, BELDFOIL, LSZH
12-19-2022
logo
Molex Electronics Ltd.
797582139 MOLEX-797582139 Datasheet
147Kb / 1P
NANO FIT TIN PLATED 150MM 20AWG
2019/05/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com