Electronic Components Datasheet Search
  English  ▼

X  

RB104-DC Datasheet(PDF) 1 Page - Fuji Electric

Part # RB104-DC
Description  Industrial Control Relays
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

RB104-DC Datasheet(HTML) 1 Page - Fuji Electric

  RB104-DC Datasheet HTML 1Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fuji Electric FA Components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
03/15
03
Type
Ordering
Power
Rated
Pick-up
Thermal
Make and
code
consumption
voltage
voltage
current
break current
(res.load)
RB104
RB104-
■
120mW
4.5, 5, 6
70% of rated
5A
5A at 250V AC
RB105
RB105-
■
200mW
24V DC
voltage or less
5A at 30V DC
DC operated slim type card relays
Rated thermal currrent 5 Amps.
■ Description
The RB104 and 105 relays are designed
for printed circuit board use.
These relays are extremely thin (5mm)
and so, can be densely mounted on PC
boards. As a result, PC board size and
cost can be greatly reduced.
Employing of bifurcated contacts
ensure high contact reliability, allowing
the RB104,105 relays to be used in low-
level circuits.
Coil voltages are available in ranges
from 4.5V to 24V DC.
■ Types and ratings
■ Dimensions, mm
PC board drilling (View from back side)
Internal wiring diagram
RB 10 4-DE
■ Type number nomenenclature
Industrial Control Relays
Card relay RB104,105
Mass: 3g
RB105
■ Ordering information
Specify the following:
1. Type number
AF93-205
Socket TP04
AF95-567
■ Features
• Thin, miniature size and light weight
The mounting space on the PC board
can be reduced.
• UL, CSA and TÜV approved
• Low power consumption
They can be operated by means of
non-polarity magnet.
• SIL terminal arrangement
SIL (Single-side In-Line lead) package
allows the relays to be mounted easily
on PC board.
• Fluxtight construction
• Immersion cleanable
RB104,105
Socket TP04
Voltage
120V AC
240V AC
30V DC
120V DC
Resistive load
Inductive load
–
5A
5A
0.5A
1A
–
2A (15ms)
0.2A (15ms)
Ratings
■ Approvals
• UL, CSA and TÜV
UL file No. E44592
CSA file No. LR20479
TÜV license No. R9551729
Note: Enter the coil voltage code in the
■ mark as follow
4.5V DC: DC, 5V DC: DY, 6V DC: DA, 9V DC: DD, 12V DC: DB, 24V DC: DE
Operating time
Release time
Dielectric strength
Stray electrostatic capacity
Impulse
Insulation resistance
Electrical durability
AC
DC
Mechanical durability
Ambient temperature
10ms or less at rated voltage
5ms or less at rated voltage
750V AC rms. 1 min. between open contacts
2,000V AC rms. 1 min. between contact and coil
Approx. 1.4pF between contact and coil
4,500V or more 1.2
× 50µs between contact and coil
100M
Ω at 500V DC megger
100,000 operations at 220V AC 2A, inductive load
130,000 operations at 220V AC 3A, resistive load
150,000 operations at 24V DC 1A, inductive load
100,000 operations at 24V DC 5A, resistive load
20 million operations
–40
°C to +70°C(no icing)
■ Specifications
Operating coil voltage
DC: 4.5 V DC
DY: 5V DC
DA: 6V DC
DD: 9V DC
DB: 12V DC
DE: 24V DC
Watt loss
4: 120mW
5: 200mW
Contact arrengement
10: 1NO
Basic type
5.08 max
21.3 max
20
0.5
0.5
1
0.3
2-0.7
1.3
7.62
7.62
2.54
2-0.5
5
0.3
2.54
7.62
7.62
22.2
2.4
0.7
9, 12
1.3
7.62
7.62
2.54
4-ø1.2
±0.1
2.54
4-ø1.2
±0.1
7.62 7.62
2.54
2.54
PC board drilling (View from back side)


Similar Part No. - RB104-DC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RB10-X331 ETC2-RB10-X331 Datasheet
633Kb / 14P
Absorbing impact and noise
RB1006 ETC2-RB1006 Datasheet
244Kb / 2P
It denotes the values at the maximum energy absorption per one cycle.
RB1007 ETC2-RB1007 Datasheet
244Kb / 2P
It denotes the values at the maximum energy absorption per one cycle.
logo
Allied Components Inter...
RB1010 ALLIED-RB1010 Datasheet
363Kb / 1P
Radial Bobbin Inductors
RB1010-100K-RC ALLIED-RB1010-100K-RC Datasheet
363Kb / 1P
Radial Bobbin Inductors
More results

Similar Description - RB104-DC

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
700S-CF440 ALLEN-BRADLEY-700S-CF440 Datasheet
250Kb / 5P
Industrial Relays
logo
American Electronic Com...
DM84 AEC-DM84 Datasheet
109Kb / 4P
industrial relays
DM85 AEC-DM85 Datasheet
108Kb / 4P
industrial relays
DP6-1P AEC-DP6-1P Datasheet
60Kb / 2P
industrial relays
DP6-1T AEC-DP6-1T Datasheet
49Kb / 2P
industrial relays
DP6-OC AEC-DP6-OC Datasheet
50Kb / 2P
industrial relays
logo
Willow Technologies Ltd
DM84 WILLOW-DM84 Datasheet
109Kb / 4P
industrial relays
DM85 WILLOW-DM85 Datasheet
108Kb / 4P
industrial relays
DM87 WILLOW-DM87 Datasheet
128Kb / 5P
industrial relays
DP6-OC WILLOW-DP6-OC Datasheet
50Kb / 2P
industrial relays
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com