Electronic Components Datasheet Search
  English  ▼

X  

AC102015 Datasheet(PDF) 1 Page - Microchip Technology

Part # AC102015
Description  ICD4 RJ45 Universal Adapter Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC102015 Datasheet(HTML) 1 Page - Microchip Technology

  AC102015 Datasheet HTML 1Page - Microchip Technology AC102015 Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ICD4 RJ45 Universal Adapter Board
Part Number: AC102015
The RJ45 Adapter Board is a connectivity board that gives MPLAB ICD 4 and MPLAB
PICkit 4 Debuggers cable compatibility to demo boards with Atmel-ICE, Power Debugger
and Segger J-Link style connectors. It supports JTAG, SWD and ICSP protocols in multiple
connector formats. Feste is useful for debugging legacy AVR and SAM Xplained
demonstration boards with MPLAB ICD 4 and MPLAB PICkit 4 debuggers.


Similar Part No. - AC102015

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
AC1020 TALEMA-AC1020 Datasheet
60Kb / 1P
20 Amp Current Transformer
logo
YAGEO Corporation
AC1020DK-07100R YAGEO-AC1020DK-07100R Datasheet
639Kb / 9P
THICK FILM WIDE TERMINAL CHIP RESISTORS AUTOMOTIVE GRADE
AC1020DK-0710M YAGEO-AC1020DK-0710M Datasheet
639Kb / 9P
THICK FILM WIDE TERMINAL CHIP RESISTORS AUTOMOTIVE GRADE
AC1020DK-0710R YAGEO-AC1020DK-0710R Datasheet
639Kb / 9P
THICK FILM WIDE TERMINAL CHIP RESISTORS AUTOMOTIVE GRADE
AC1020DK-071K YAGEO-AC1020DK-071K Datasheet
639Kb / 9P
THICK FILM WIDE TERMINAL CHIP RESISTORS AUTOMOTIVE GRADE
More results

Similar Description - AC102015

ManufacturerPart #DatasheetDescription
logo
Level One
LXT905 LVL1-LXT905 Datasheet
673Kb / 26P
Universal Ethernet Interface Adapter
LXT908 LVL1-LXT908 Datasheet
2Mb / 32P
Universal Ethernet Interface Adapter
logo
Power Integrations, Inc...
DI-13 POWERINT-DI-13 Datasheet
38Kb / 2P
3 W Universal Adapter
DI-34 POWERINT-DI-34 Datasheet
62Kb / 2P
5 W Universal Adapter
logo
Molex Electronics Ltd.
106154-0000 MOLEX-106154-0000 Datasheet
219Kb / 3P
Universal Optical Adapter
logo
Pomona Electronics
5698 POMONA-5698 Datasheet
814Kb / 3P
Universal Adapter Kit
5748 POMONA-5748 Datasheet
1Mb / 3P
Maxi Universal Adapter Kit
logo
Glenair, Inc.
630-031 GLENAIR-630-031 Datasheet
254Kb / 2P
Universal Environmental Adapter
logo
HARTING Technology Grou...
09-06-016-3302 HARTING-09-06-016-3302 Datasheet
797Kb / 4P
DIN-Power universal adapter
09-06-016-3301 HARTING-09-06-016-3301 Datasheet
797Kb / 4P
DIN-Power universal adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com