Electronic Components Datasheet Search
  English  ▼

X  

PLA15F Datasheet(PDF) 6 Page - COSEL CO., LTD.

Part # PLA15F
Description  AC-DC Power Supplies Enclosed Type
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

PLA15F Datasheet(HTML) 6 Page - COSEL CO., LTD.

Back Button PLA15F Datasheet HTML 2Page - COSEL CO., LTD. PLA15F Datasheet HTML 3Page - COSEL CO., LTD. PLA15F Datasheet HTML 4Page - COSEL CO., LTD. PLA15F Datasheet HTML 5Page - COSEL CO., LTD. PLA15F Datasheet HTML 6Page - COSEL CO., LTD. PLA15F Datasheet HTML 7Page - COSEL CO., LTD. PLA15F Datasheet HTML 8Page - COSEL CO., LTD. PLA15F Datasheet HTML 9Page - COSEL CO., LTD. PLA15F Datasheet HTML 10Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PLA-7
PLA50F
External view
Features
Block diagram
FG
OVER VOLTAGE
PROTECTION
NOISE
FILTER
RECTIFIER
INRUSH
CURRENT
LIMIT
RECTIFIER
AND
FILTER
DC OUT
FUSE
AC250V 2.5A
CONTROL
CONTROL
CONTROL
INVERTER
RECTIFIER
AND
FILTER
INVERTER
BOOSTER
INDUCTOR
CURRENT
SENSING
AC IN 85 - 264V
TRANSFORMER
Photocoupler
Photocoupler
OVER CURRENT
SENSING
- Compact design (Depth: 99mm 3.90inches)
- UL508 approved (Except option -J), and complies with SEMI F47
- Various connection interface options (vertical terminal [-T], AMP connector [-J])
*1 This is the result of measurement of the testing board with capacitors of 22mF and 0.1mF placed at 150
mm from the output terminals by a 20 MHz oscilloscope or a ripple-noise meter equivalent to Keisoku-
Giken RM103.
See 1.6 of Instruction Manual for more details.
*2 Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25C.
*3 As for DC input, consult us for advice.
*4 Consult us about dynamic load and input response.
*5 Output power derating is required. See 3.2 in Instruction Manual.
*6 See 3.3 in Instruction Manual for more details.
*7 Consult us about safety agency approvals for the models with optional functions.
*8 Consult us about other classes.
*
Do not use the power supply in overcurrent conditions or in unspecified input voltage ranges.
Otherwise the internal components may be damaged.
*
Parallel operation is not possible with this mode.
*
Sound noise may be heard from the power supply when used for pulse load.
OTHERS
CASE SIZE/WEIGHT
38X80X99mm [1.50X3.15X3.90 inches] (Excluding terminal block and screw) (WXHXD) / 400g max
COOLING METHOD
Convection
WARRANTY WARRANTY
*6
5 years (subject to the operating conditions)
SPECIFICATIONS
Output voltage
adjustable potentiometer
Output terminal(+)
Output terminal(-)
FG( )
AC(N)
AC(L)
M3.5
TB1
[0.49]
Name plate
Terminal cover
12.5max
[2.05]
[1.5]
Mounting hole
2-M3
38
52 ±0.5
[2.99]
[0.75]
[3.9]
Mounting hole
(Bottom side)
2-M3
99
19
76 ±0.5
Point A
¶ Tolerance : ±1 [±0.04]
¶ Weight : 400g max
¶ PCB Material/thickness : CEM-3 / 1.6mm [0.06inches]
¶ Chassis material : Electric galvanizing steel board
¶ Case material : Electric galvanizing steel board
¶ Dimensions in mm, [ ]=inches
¶ Mounting torque : 0.6N-m max
¶ Screw tightening torque : 1.0N-m max
[0.6]
(LED)
15.3 ±1.5
[0.46]
(Potentiometer)
11.6±1.5
[0.55]
14 ±1.5
LED
April 17, 2018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com