Electronic Components Datasheet Search
  English  ▼

X  

KMG Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # KMG
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KMG Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  KMG Datasheet HTML 1Page - List of Unclassifed Manufacturers KMG Datasheet HTML 2Page - List of Unclassifed Manufacturers KMG Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Standard, 105
℃
KMG
Series
◆STANDARD RATINGS
is not solvent resistant.
WV
(Vdc)
Cap
(µF)
Case size
φD×L(mm)
tanδ
Rated ripple
current
(mArms/
105℃, 120Hz)
Part No.
450
2.2
10
×12.5 0.24
23
EKMG451E
□□2R2MJC5S
3.3
10
×16
0.24
31
EKMG451E
□□3R3MJ16S
4.7
10
×20
0.24
40
EKMG451E
□□4R7MJ20S
10
12.5
×20
0.24
65
EKMG451E
□□100MK20S
22
16
×25
0.24
115
EKMG451E
□□220ML25S
33
16
×31.5 0.24
155
EKMG451E
□□330MLN3S
47
16
×35.5 0.24
185
EKMG451E
□□470MLP1S
□□ : Enter the appropriate lead forming or taping code.
◆RATED RIPPLE CURRENT MULTIPLIERS
・Frequency Multipliers
Frequency(Hz)
Capacitance(µF)
50
120
300
1k
10k
100k
1.0 to 4.7
0.65
1.00
1.35
1.75
2.30
2.50
10 to 47
0.75
1.00
1.25
1.50
1.75
1.80
100 to 1,000
0.80
1.00
1.15
1.30
1.40
1.50
2,200 to
0.85
1.00
1.03
1.05
1.08
1.08
The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5
℃ rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
CAT. No. E1001V 2021
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com