Electronic Components Datasheet Search
  English  ▼

X  

IAB01 Datasheet(PDF) 1 Page - XP Power Limited

Part # IAB01
Description  DC-DC C ONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

IAB01 Datasheet(HTML) 1 Page - XP Power Limited

  IAB01 Datasheet HTML 1Page - XP Power Limited IAB01 Datasheet HTML 2Page - XP Power Limited IAB01 Datasheet HTML 3Page - XP Power Limited IAB01 Datasheet HTML 4Page - XP Power Limited IAB01 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Notes:
1. Maximum capacitive load is per output.
2. Measured at nominal input voltage and full load.
3. Pack size 25pcs per tube
Model Number
Input Voltage
Output Voltage
Output Current
Efficiency at Vin Nominal
with Full Load
Maximum
Capacitive Load
IAB0105D3V3
5V
(4.5-5.5V)
±3.3V
±152mA
74%
1200µF
IAB0105D05
±5V
±100mA
82%
1200µF
IAB0105D09
±9V
±56mA
83%
470µF
IAB0105D12
±12V
±42mA
83%
220µF
IAB0105D15
±15V
±34mA
83%
220µF
IAB0105D24
±24V
±21mA
85%
100µF
IAB0112D3V3
12V
(10.8-13.2V)
±3.3V
±152mA
75%
1200µF
IAB0112D05
±5V
±100mA
80%
1200µF
IAB0112D12
±12V
±42mA
81%
220µF
IAB0112D15
±15V
±34mA
81%
220µF
IAB0112D24
±24V
±21mA
80%
100µF
IAB0115D05
15V
(13.5-16.5V)
±5V
±100mA
80%
1200µF
IAB0115D12
±12V
±42mA
80%
220µF
IAB0115D15
±15V
±34mA
81%
220µF
IAB0124D05
24V
(21.6-26.4V)
±5V
±100mA
80%
1200µF
IAB0124D12
±12V
±42mA
81%
220µF
IAB0124D15
±15V
±34mA
79%
220µF
IAB0124D24
±24V
±21mA
80%
100µF
Models & Ratings
IAB01 Series
The dual output IAB01 series is an ideal solution for isolating voltage rails in a distributed
power supply architecture such as analog, digital, data and relay circuits. This product family
offers a compact, long-lasting design with high efficiency, 1.5kV functional isolation, short
circuit protection and high operating temperature.
1W
DC-DC CONVERTER
Applications
Features
• Unregulated dual outputs
• ±10% input range
• Dual outputs ±3.3 to ±24VDC
• SIP7 package
• 1.5kVDC functional isolation
• Short circuit protection
• Class B conducted & radiated emissions
• -40˚C to +105˚C operation
• Full load to 100˚C ambient
• 3 year warranty
0.77” x 0.24” x 0.40” (19.6 x 6.0 x 10.1mm)
Dimensions
Technology
Industrial
Electronics
Instrumentation
Robotics
(1)


Similar Part No. - IAB01

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IAB110 CLARE-IAB110 Datasheet
405Kb / 7P
Integrated Telecom Circuits
IAB110P CLARE-IAB110P Datasheet
405Kb / 7P
Integrated Telecom Circuits
logo
IXYS Corporation
IAB110P IXYS-IAB110P Datasheet
134Kb / 8P
Integrated Telecom Circuits
logo
Clare, Inc.
IAB110PTR CLARE-IAB110PTR Datasheet
405Kb / 7P
Integrated Telecom Circuits
logo
IXYS Corporation
IAB110PTR IXYS-IAB110PTR Datasheet
134Kb / 8P
Integrated Telecom Circuits
More results

Similar Description - IAB01

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL20C ARTESYN-SIL20C Datasheet
205Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL40C ARTESYN-SIL40C Datasheet
214Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT06C ARTESYN-SMT06C Datasheet
186Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT40C ARTESYN-SMT40C Datasheet
186Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL20C EMERSON-NETWORKPOWER-SIL20C Datasheet
205Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL25C EMERSON-NETWORKPOWER-SIL25C Datasheet
689Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
XP Power Limited
IEB01 XPPOWER-IEB01 Datasheet
1Mb / 5P
DC-DC C ONVERTER
20 July 2022
IVB01 XPPOWER-IVB01 Datasheet
2Mb / 5P
DC-DC C ONVERTER
19 July 2022
JMR03 XPPOWER-JMR03 Datasheet
1Mb / 5P
DC-DC C ONVERTER
10 March 2022
IES01 XPPOWER-IES01_V01 Datasheet
2Mb / 6P
DC-DC C ONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com