Electronic Components Datasheet Search
  English  ▼

X  

WF1965 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # WF1965
Description  MULTIFUNCTION SYNTHESIZER
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WF1965 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button WF1965 Datasheet HTML 35Page - List of Unclassifed Manufacturers WF1965 Datasheet HTML 36Page - List of Unclassifed Manufacturers WF1965 Datasheet HTML 37Page - List of Unclassifed Manufacturers WF1965 Datasheet HTML 38Page - List of Unclassifed Manufacturers WF1965 Datasheet HTML 39Page - List of Unclassifed Manufacturers WF1965 Datasheet HTML 40Page - List of Unclassifed Manufacturers WF1965 Datasheet HTML 41Page - List of Unclassifed Manufacturers WF1965 Datasheet HTML 42Page - List of Unclassifed Manufacturers WF1965 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 188 page
background image
3.2 Input and output connections
WF1945B
3-9
Trigger/sweep input (TRIG/SWEEP IN)
Signal characteristics:
The following types are produced during the burst oscillation mode.
Trigger: Select oscillation start for either
or
.
Gate: Select oscillation at either high or low level.
Triggered gate: Oscillation start/stop at
or
. Select either.
Minimum pulse width is 50 ns.
In sweep oscillation mode, the sweep starts at
or
. Select either.
Minimum pulse width is 200 ns.
Input voltage :
High level
≥ +3.9 V
Low level
≤ +1.6 V
Input voltage range :
−0.5 to +5.5 V
Input impedance :
Pull up to +5 V at approx. 10 k
Ω
Ground :
Connected to chassis ground
Do not apply a signal exceeding the above input voltage range. The unit can be damaged.
• Drive circuit examples
Connect the trigger and sweep input drive signals to TTL or C-MOS logic IC outputs.
Since the input circuit is provided with a built-in pullup resistor, an open collector output drive can also be
used. However, contact chatter from a mechanical switch or relay can prevent normal operation. Also,
chattering will prevent normal operation when the oscillation mode is triggered gate.
Avoid using a logic IC circuit having a power supply voltage higher than +5 V such as example (c) for the
WF1945B input
! CAUTION
+5 V
+12 V~
(a) TTL logic output
(b) Open collector output
(c) High voltage logic output
TRIG/SWEEP IN
+5 V
10 k
Ω
100
Ω
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com