Electronic Components Datasheet Search
  English  ▼

X  

IVB01 Datasheet(PDF) 1 Page - XP Power Limited

Part # IVB01
Description  DC-DC C ONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

IVB01 Datasheet(HTML) 1 Page - XP Power Limited

  IVB01 Datasheet HTML 1Page - XP Power Limited IVB01 Datasheet HTML 2Page - XP Power Limited IVB01 Datasheet HTML 3Page - XP Power Limited IVB01 Datasheet HTML 4Page - XP Power Limited IVB01 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IVB01 Series
The single output IVB01 series is an ideal solution for isolating voltage rails in a distributed
power supply architecture such as analog, digital, data and relay circuits. This product family
offers a compact, long-lasting design with high efficiency, 3.0kV functional isolation, short
circuit protection and high operating temperature.
1W
DC-DC CONVERTER
Applications
Features
• Unregulated single output
• ±10% input range
• Single outputs 3.3 to 24VDC
• SIP7 package
• 3.0kVDC functional isolation
• Continuous short circuit protection
• Class B conducted & radiated emissions
• -40˚C to +105˚C operating temperature
• Full load to 100˚C ambient
• 3 year warranty
0.77 x 0.24 x 0.40” (19.65 x 6.00 x 10.16mm)
Dimensions
Technology
Industrial
Electronics
Instrumentation
Robotics
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
80
%
See Models & Ratings table
Isolation: Input to Output
3000
VDC
Functional 60s test
Isolation Resistance
109
Ω
Isolation Capacitance
20
pF
Switching Frequency
260/270
kHz
100% load and nominal input. Others / IVB0105
Power Density
13.5
W/in3
Mean Time Between Failure
3.5
Mhrs
MIL-HDBK-217F, +25°C GB
Weight
0.0046 (2.1)
lb (g)
Case Material
Black plastic, flame retardant UL94V-0
Pin Material
Phosphor bronze, solder coated
Solder Profile
300
°C
1.5mm from case 10s max.
Water Wash
Use deionized water. Dry thoroughly


Similar Description - IVB01

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL20C ARTESYN-SIL20C Datasheet
205Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL40C ARTESYN-SIL40C Datasheet
214Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT06C ARTESYN-SMT06C Datasheet
186Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT40C ARTESYN-SMT40C Datasheet
186Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL20C EMERSON-NETWORKPOWER-SIL20C Datasheet
205Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL25C EMERSON-NETWORKPOWER-SIL25C Datasheet
689Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
XP Power Limited
IAB01 XPPOWER-IAB01 Datasheet
2Mb / 5P
DC-DC C ONVERTER
19 July 2022
IEB01 XPPOWER-IEB01 Datasheet
1Mb / 5P
DC-DC C ONVERTER
20 July 2022
JMR03 XPPOWER-JMR03 Datasheet
1Mb / 5P
DC-DC C ONVERTER
10 March 2022
IES01 XPPOWER-IES01_V01 Datasheet
2Mb / 6P
DC-DC C ONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com