Electronic Components Datasheet Search
  English  ▼

X  

EYGS091210 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EYGS091210
Description  PGS” Graphite Sheets EYG type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EYGS091210 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EYGS091210 Datasheet HTML 1Page - Panasonic Semiconductor EYGS091210 Datasheet HTML 2Page - Panasonic Semiconductor EYGS091210 Datasheet HTML 3Page - Panasonic Semiconductor EYGS091210 Datasheet HTML 4Page - Panasonic Semiconductor EYGS091210 Datasheet HTML 5Page - Panasonic Semiconductor EYGS091210 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
“PGS” Graphite Sheets
● Standard series (PGS 100, 70 µm series)
(1) The above-listed part number is sample part number for testing.
(2) Please contact us about your request of custom part number which will be arranged separately.
(3) Please contact us if quantity is below Minimum Order Quantity.
Type / Composition example
PGS Graphite Sheet
Only
PGS Only
S type
-
-
◎ High thermal conductivity, High flexibility
◎ Low thermal resistance
◎ Available up to 400 ℃
◎ Conductive material
400
℃
EYGS121810
100 μm
EYGS121807
70 μm
Type
Item
Type
Part No.
Size
Withstand temperature
Features
Structure
Rear face
Front face
Minimum order
Should a safety concern arise regarding this product, please be sure to contact us immediately.
180×230 mm
10
S type
70 μm
EYGS091207
90×115 mm
20
EYGS121807
115×180 mm
10
EYGS182307
180×230 mm
10
90×115 mm
20
01-Apr-21
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Part No.
70 μm
100 μm
EYGS121810
115×180 mm
10
Thickness
Part No.
Thickness
S type
100 μm
EYGS091210
EYGS182310
Minimum order
PGS Graphite Sheets



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com