Electronic Components Datasheet Search
  English  ▼

X  

CHSA Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # CHSA
Description  SMD current sensing resistor-metal shunt
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CHSA Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  CHSA Datasheet HTML 1Page - Eaton All Rights Reserved. CHSA Datasheet HTML 2Page - Eaton All Rights Reserved. CHSA Datasheet HTML 3Page - Eaton All Rights Reserved. CHSA Datasheet HTML 4Page - Eaton All Rights Reserved. CHSA Datasheet HTML 5Page - Eaton All Rights Reserved. CHSA Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Technical Data ELX1223
Effective September 2022
CHSA
SMD current sensing resistor-metal shunt
www.eaton.com/electronics
Packaging information- mm
Supplied in tape and reel on a 13” diameter reel (EIA-481 compliant)
Tape carrier and dimensions
Reel dimensions
Dimension
2512
3920
5930
E
1.75± 0.1
1.75 ± 0.1
1.75 ± 0.1
F
5.5 ± 0.05
7.5 ± 0.05
11.5 ± 0.05
P2
2.0 ± 0.1
2.0 ± 0.1
2.0 ± 0.1
D0
1.50 ± 0.1
1.50 ± 0.1
1.50 ± 0.1
P0
4.0 ± 0.1
4.0 ± 0.1
4.0 ± 0.1
W
12.0 ± 0.1
16.0 ± 0.1
24.0 ± 0.1
P1
8.0 ± 0.1
8.0 ± 0.1
12.0 ± 0.1
A
3.6 ± 0.2
5.7 ± 0.2
8.3 ± 0.2
B
6.7 ± 0.2
10.5 ± 0.2
15.6 ± 0.2
t
1.7 ± 0.15
2.25 ± 0.15
2.4 ± 0.15
Family
A
B
C
D
N
W1
W2
W3
CHSA2512
330 ± 2.0
5.0 ± 0.5
13.0 ± 1.0
15.0 ± 1.0
100 ± 1.0
12.0 ± 1.0
16.0 ± 1.0
na
CHSA3920
330 ± 2.0
5.0 ± 0.5
13.0 ± 1.0
15.0 ± 1.0
100 ± 1.0
16.0 ± 1.0
20.0 ± 1.0
na
CHSA5930
330 ± 2.0
5.0 ± 0.5
13.0 ± 1.0
15.0 ± 1.0
100 ± 1.0
24.0 ± 1.0
28.0 ± 1.0
na
Size
Tape
Quantity
2512
13 inch (330 mm) embossed
4K
3920
13 inch (330 mm) embossed
3K
5930
13 inch (330 mm) embossed
1.5K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com