Electronic Components Datasheet Search
  English  ▼

X  

MFL Datasheet(PDF) 6 Page - Eaton All Rights Reserved.

Part # MFL
Description  SMD current sensing resistor- metal film
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MFL Datasheet(HTML) 6 Page - Eaton All Rights Reserved.

  MFL Datasheet HTML 1Page - Eaton All Rights Reserved. MFL Datasheet HTML 2Page - Eaton All Rights Reserved. MFL Datasheet HTML 3Page - Eaton All Rights Reserved. MFL Datasheet HTML 4Page - Eaton All Rights Reserved. MFL Datasheet HTML 5Page - Eaton All Rights Reserved. MFL Datasheet HTML 6Page - Eaton All Rights Reserved. MFL Datasheet HTML 7Page - Eaton All Rights Reserved. MFL Datasheet HTML 8Page - Eaton All Rights Reserved. MFL Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Technical Data ELX1181
Effective June 2022
MFL
SMD current sensing resistor- metal film
www.eaton.com/electronics
Electrical specifications
Part number
Size
Resistance value
mΩ (Part number
code)
Resistance tolerance
(Part number code)
Power rating
(Part number
code)
TCR
(ppm/°C)
Operating
temperature
MFL1210Rxxxx*?
1210 (3225 metric)
330 (3300)
±1% (F)
1/2 W (S)
± 200
-55 °C to +155 °C
MFL1210Rxxxx*?
1210 (3225 metric)
360 (3600)
±1% (F)
1/2 W (S)
± 200
-55 °C to +155 °C
MFL1210Rxxxx*?
1210 (3225 metric)
430 (4300)
±1% (F)
1/2 W (S)
± 200
-55 °C to +155 °C
MFL1210Rxxxx*?
1210 (3225 metric)
470 (4700)
±1% (F)
1/2 W (S)
± 200
-55 °C to +155 °C
MFL1210Rxxxx*?
1210 (3225 metric)
500 (5000)
±1% (F)
1/2 W (S)
± 200
-55 °C to +155 °C
MFL1210Rxxxx*?
1210 (3225 metric)
510 (5100)
±1% (F)
1/2 W (S)
± 200
-55 °C to +155 °C
MFL1210Rxxxx*?
1210 (3225 metric)
620 (6200)
±1% (F)
1/2 W (S)
± 200
-55 °C to +155 °C
MFL1210Rxxxx*?
1210 (3225 metric)
680 (6800)
±1% (F)
1/2 W (S)
± 200
-55 °C to +155 °C
MFL1210Rxxxx*?
1210 (3225 metric)
750 (7500)
±1% (F)
1/2 W (S)
± 200
-55 °C to +155 °C
MFL1210Rxxxx*?
1210 (3225 metric)
820 (8200)
±1% (F)
1/2 W (S)
± 200
-55 °C to +155 °C
Rxxxx = Enter resistance code option from table above (xxxx= resistance code (xxx.x mΩ ex: R1000 = 100.0 mΩ)
*= Enter resistance tolerance code from table above (F= ±1%)
?= Enter power rating code (P = 1/16 W, B = 1/8 W, A = 1/4 W, S = 1/2 W,)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com