Electronic Components Datasheet Search
  English  ▼

X  

MFHA2512 Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # MFHA2512
Description  SMD current sensing resistor-metal film
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MFHA2512 Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  MFHA2512 Datasheet HTML 1Page - Eaton All Rights Reserved. MFHA2512 Datasheet HTML 2Page - Eaton All Rights Reserved. MFHA2512 Datasheet HTML 3Page - Eaton All Rights Reserved. MFHA2512 Datasheet HTML 4Page - Eaton All Rights Reserved. MFHA2512 Datasheet HTML 5Page - Eaton All Rights Reserved. MFHA2512 Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data ELX1178
Effective June 2022
MFHA
SMD current sensing resistor-metal film
Pb
HALOGEN
HF
FREE
Table 1. Part numbering configuration scheme
MFH @ xxxx Rxxxx * ?
Family name
MFH
Grade option
A = Automotive grade
Footprint EIA option
1206, 2512
Resistance option
Rxxxx = xxx.x mΩ
ex: R1000 = 100.0 mΩ
Power rating option
C = 1 W, E = 2 W
Resistance tolerance option
F = ±1%
Product features
•
Low sensing resistance
•
1206 (3216 metric) to 2512 (6432 metric)
•
High power dissipation
•
AEC-Q200 compliant
•
Moisture sensitivity level (MSL): 1
Applications
•
Switched-mode power supply (SMPS)
•
Voltage regulator module
•
Power management
•
Stepper motor drives
Environmental compliance
See electrical specification table for option details


Similar Part No. - MFHA2512

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
MFH YAGEO-MFH Datasheet
698Kb / 14P
METAL FILM RESISTORS
April 3, 2024 V.2
MFH-12 YAGEO-MFH-12 Datasheet
698Kb / 14P
METAL FILM RESISTORS
April 3, 2024 V.2
logo
Festo Corporation.
MFH-2-M5 FESTO-MFH-2-M5 Datasheet
79Kb / 1P
Air solenoid valve
logo
YAGEO Corporation
MFH-25 YAGEO-MFH-25 Datasheet
698Kb / 14P
METAL FILM RESISTORS
April 3, 2024 V.2
logo
Festo Corporation.
MFH-3-1/2 FESTO-MFH-3-1/2 Datasheet
96Kb / 2P
Air solenoid valve
More results

Similar Description - MFHA2512

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
LVM OHMITE-LVM Datasheet
490Kb / 2P
Current Sensing Metal Chip Resistor
logo
Stackpole Electronics, ...
CSRT SEI-CSRT Datasheet
367Kb / 8P
Thin Film Current Sensing Resistor
3/28/2022
CSR SEI-CSR Datasheet
367Kb / 9P
Thick Film Current Sensing Resistor
6/21/202
logo
Eaton All Rights Reserv...
MSMA EATON-MSMA Datasheet
856Kb / 10P
SMD current sensing resistor- metal strip
June 2022
MSNA EATON-MSNA Datasheet
562Kb / 6P
SMD current sensing resistor- metal strip
June 2022
MST EATON-MST Datasheet
543Kb / 5P
SMD current sensing resistor- metal strip
June 2022
CHSA EATON-CHSA Datasheet
539Kb / 6P
SMD current sensing resistor-metal shunt
September 2022
MFL EATON-MFL Datasheet
613Kb / 9P
SMD current sensing resistor- metal film
June 2022
MFLA EATON-MFLA Datasheet
644Kb / 8P
SMD current sensing resistor- metal film
June 2022
MFSA EATON-MFSA Datasheet
722Kb / 7P
SMD current sensing resistor-metal foil
June 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com