Electronic Components Datasheet Search
  English  ▼

X  

PLA150F Datasheet(PDF) 12 Page - COSEL CO., LTD.

Part # PLA150F
Description  AC-DC Power Supplies Enclosed Type
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

PLA150F Datasheet(HTML) 12 Page - COSEL CO., LTD.

Back Button PLA150F Datasheet HTML 6Page - COSEL CO., LTD. PLA150F Datasheet HTML 7Page - COSEL CO., LTD. PLA150F Datasheet HTML 8Page - COSEL CO., LTD. PLA150F Datasheet HTML 9Page - COSEL CO., LTD. PLA150F Datasheet HTML 10Page - COSEL CO., LTD. PLA150F Datasheet HTML 11Page - COSEL CO., LTD. PLA150F Datasheet HTML 12Page - COSEL CO., LTD. PLA150F Datasheet HTML 13Page - COSEL CO., LTD. PLA150F Datasheet HTML 14Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
PLA-13
CONTROL
FAN
AC IN 85 - 264V
FG
RECTIFIER
OVER VOLTAGE
PROTECTION
CURRENT
SENSING
THERMAL
PROTECTION
NOISE
FILTER
INRUSH
CURRENT
LIMIT
RECTIFIER
AND
FILTER
DC OUT
FUSE
250V 10A
INVERTER
CONTROL
CONTROL
CONTROL
INVERTER
CURRENT
SENSING
RECTIFIER
AND
FILTER
BOOSTER
INDUCTOR
PLA300F
External view
Features
*1 This is the result of measurement of the testing board with capacitors of
22mF and 0.1mF placed at 150 mm from the output terminals by a 20
MHz oscilloscope or a ripple-noise meter equivalent to Keisoku-Giken
RM103.
See 1.6 of Instruction Manual for more details.
*2 Drift is the change in DC output for an eight hour period after a half-hour
warm-up at 25C.
*3 Output power derating is required. As for DC input, consult us for advice.
*4 Consult us about dynamic load and input response.
*5 See 3.2 in Instruction Manual.
*6 See 3.3 in Instruction Manual for more details.
*7 Consult us about safety agency approvals for the models with optional functions.
*8 The fan speed slows down at no load.
*9 Consult us about other classes.
*10 The RC terminal is added to option –R models. The RC terminal is
isolated from input, output, and FG.
Block diagram
The external size of –V option, –R option, and –T2 option models is different from the standard model. See “5. Options and Others” in
Instruction Manual for more details.
*
Do not use the power supply in overcurrent conditions or in unspecified
input voltage ranges. Otherwise the internal components may be
damaged.
*
Parallel operation is not possible with this mode.
*
Sound noise may be heard from the power supply when used for
pulse load.
- Cost-effective
- Longer life (see Instruction Manual)
- Low profile (meets 1U height = 41 mm or 1.61 inches)
- Wide operating temperature range (-20 to +70 see instruction manual)
- Screw hold type terminal block
- Slow fan speed at no load
- Many optional functions
- Complies with SEMI F-47 (-U option, see Instruction Manual for details)
OTHERS
CASE SIZE/WEIGHT
102X41X190mm [4.02X1.61X7.48 inches] (Excluding terminal block and screw) (WXHXD) / 1.0kg max
COOLING METHOD
*8
Forced cooling (internal fan)
WARRANTY WARRANTY
*6
5 years (subject to the operating conditions)
SPECIFICATIONS
FG( )
AC(L)
AC(N)
Output terminal (+)
Output terminal (–)
Output voltage
adjustable potentiometer
LED
M4
4-M4
Mounting Hole
19.5
150
[0.77]
[5.91]
±0.5
AIR FLOW
12.5
150
190
5max
[0.2max]
[0.49]
[5.91]
[7.48]
±0.5
Name plate
20max
[0.79max]
4-M4
Mounting Hole
(Bottom side)
¶ Tolerance : ±1 [±0.04]
¶ Weight : 1.0kg max
¶ PCB Material/thickness : CEM-3 / 1.6mm [0.06inches]
¶ Chassis material : Aluminum
¶ Case material : Electric galvanizing steel board
¶ Dimensions in mm, [ ]=inches
¶ Mounting torque : 1.2N m max
¶ Screw tightening torque : 1.6N m max
¶ Connect the input FG to safety earth ground.
16.8
(LED)
[0.66]
±1.5
16.6
[0.65]
±1.5
13.1
(potentiometer)
[0.52]
±1.5
April 17, 2018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com