Electronic Components Datasheet Search
  English  ▼

X  

625 Datasheet(PDF) 3 Page - CTS Corporation

Part # 625
Description  Model 625 HCMOS Clock Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

625 Datasheet(HTML) 3 Page - CTS Corporation

  625 Datasheet HTML 1Page - CTS Corporation 625 Datasheet HTML 2Page - CTS Corporation 625 Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Document No. 008-0329-0
Page 3 - 3
Rev. C
Model 625
2.5mm x 2.0mm Low Cost
HCMOS Clock Oscillator
MECHANICAL SPECIFICATIONS
MARKING INFORMATION
1. XX.XX – Frequency in MHz.
2. C – CTS and Pin 1 identifier.
3. ** - Manufacturing Site Code.
4. D – Manufacturing Date Code.
[See Table 1 for codes.]
5. Complete CTS part number, frequency value and
date code information must appear on reel and
carton labels.
PACKAGE DRAWING
NOTES
1. Termination pads [e4]. Barrier-plating is nickel [Ni]
with gold [Au] flash plate.
2. Reflow conditions per JEDEC J-STD-020; 260°C
maximum, 20 seconds.
3. MSL = 1.
XX.XX
C**D
SUGGESTED SOLDER PAD GEOMETRY
CBYPASS should be ≥ 0.01 uF.
D.U.T. PIN ASSIGNMENTS
PIN
SYMBOL
DESCRIPTION
1
EOH
Enable
2
GND
Circuit & Package Ground
3
Output
RF Output
4
VCC
Supply Voltage
TABLE I
2001
2005
2009
2013
2017
A
B
C
D
E
F
G
H
J
K
L
M
2002
2006
2010
2014
2018
N
P
Q
R
S
T
U
V
W
X
Y
Z
2003
2007
2011
2015
2019
a
b
c
d
e
f
g
h
j
k
l
m
2004
2008
2012
2016
2020
n
p
q
r
s
t
u
v
w
x
y
z
DEC
YEAR
AUG
SEP
OCT
NOV
APR
MAY
JUN
JUL
MONTH
JAN
FEB
MAR



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com