Electronic Components Datasheet Search
  English  ▼

X  

MFSA0508 Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # MFSA0508
Description  SMD current sensing resistor-metal foil
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MFSA0508 Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  MFSA0508 Datasheet HTML 1Page - Eaton All Rights Reserved. MFSA0508 Datasheet HTML 2Page - Eaton All Rights Reserved. MFSA0508 Datasheet HTML 3Page - Eaton All Rights Reserved. MFSA0508 Datasheet HTML 4Page - Eaton All Rights Reserved. MFSA0508 Datasheet HTML 5Page - Eaton All Rights Reserved. MFSA0508 Datasheet HTML 6Page - Eaton All Rights Reserved. MFSA0508 Datasheet HTML 7Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Technical Data ELX1180
Effective June 2022
MFSA
SMD current sensing resistor-metal foil
www.eaton.com/electronics
@= Enter grade option code from table above (A=Automotive)
Rxxxx = Eneter resistance code option from table above xxxx= resistance code (xxx.x mΩ ex: R0100 = 10.0 mΩ)
*= Enter resistance tolerance code option from table above (F= ±1%)
?= Enter power rating code option from table above (A =1/4 W, S =1/2 W, I =3/4 W, C =1 W, D = 1.5 W)
M=MnCu (Metal material)
Electrical specifications
Part number
Size
Grade
option
Resistance value mΩ
(Part number code)
Resistance tolerance
(Part number code)
Power rating
(Part number code)
TCR
(ppm/°C)
Operating
temperature
MFS@0402Rxxxx*?M
0402 (1005 metric)
A
10 (0100)
±1% (F)
1/4 W (A)
± 100
-55 °C to +125 °C
MFS@0402Rxxxx*?M
0402 (1005 metric)
A
20 (0200)
±1% (F)
1/4 W (A)
± 100
-55 °C to +125 °C
MFS@0603Rxxxx*?M
0603 (1608 metric)
A
5 (0050)
±1% (F)
1/2 W (S)
± 50
-55 °C to +155 °C
MFS@0603Rxxxx*?M
0603 (1608 metric)
A
7 (0070)
±1% (F)
1/2 W (S)
± 50
-55 °C to +155 °C
MFS@0603Rxxxx*?M
0603 (1608 metric)
A
9 (0090)
±1% (F)
1/2 W (S)
± 50
-55 °C to +155 °C
MFS@0603Rxxxx*?M
0603 (1608 metric)
A
10 (0100)
±1% (F)
1/2 W (S)
± 50
-55 °C to +155 °C
MFS@0603Rxxxx*?M
0603 (1608 metric)
A
15 (0150)
±1% (F)
1/2 W (S)
± 50
-55 °C to +155 °C
MFS@0603Rxxxx*?M
0603 (1608 metric)
A
20 (0200)
±1% (F)
1/2 W (S)
± 50
-55 °C to +155 °C
MFS@0805Rxxxx*?M
0805 (2012 metric)
A
5(0050)
±1% (F)
3/4 W (I)
± 50
-55 °C to +155 °C
MFS@0805Rxxxx*?M
0805 (2012 metric)
A
6 (0060)
±1% (F)
3/4 W (I)
± 50
-55 °C to +155 °C
MFS@0805Rxxxx*?M
0805 (2012 metric)
A
6.5 (0065)
±1% (F)
3/4 W (I)
± 50
-55 °C to +155 °C
MFS@0805Rxxxx*?M
0805 (2012 metric)
A
7 (0070)
±1% (F)
3/4 W (I)
± 50
-55 °C to +155 °C
MFS@0805Rxxxx*?M
0805 (2012 metric)
A
8 (0080)
±1% (F)
3/4 W (I)
± 50
-55 °C to +155 °C
MFS@0805Rxxxx*?M
0805 (2012 metric)
A
9 (0090)
±1% (F)
3/4 W (I)
± 50
-55 °C to +155 °C
MFS@0805Rxxxx*?M
0805 (2012 metric)
A
10 (0100)
±1% (F)
3/4 W (I)
± 50
-55 °C to +155 °C
MFS@0805Rxxxx*?M
0805 (2012 metric)
A
15 (0150)
±1% (F)
3/4 W (I)
± 50
-55 °C to +155 °C
MFS@0805Rxxxx*?M
0805 (2012 metric)
A
20 (0200)
±1% (F)
3/4 W (I)
± 50
-55 °C to +155 °C
MFS@0805Rxxxx*?M
0805 (2012 metric)
A
25 (0250)
±1% (F)
3/4 W (I)
± 50
-55 °C to +155 °C
MFS@0805Rxxxx*?M
0805 (2012 metric)
A
30 (0300)
±1% (F)
3/4 W (I)
± 50
-55 °C to +155 °C
MFS@1206Rxxxx*?M
1206 (3216 metric)
A
5 (0050)
±1% (F)
1 W (C)
± 50
-55 °C to +155 °C
MFS@1206Rxxxx*?M
1206 (3216 metric)
A
6 (0060)
±1% (F)
1 W (C)
± 50
-55 °C to +155 °C
MFS@1206Rxxxx*?M
1206 (3216 metric)
A
8 (0080)
±1% (F)
1 W (C)
± 50
-55 °C to +155 °C
MFS@1206Rxxxx*?M
1206 (3216 metric)
A
10 (0100)
±1% (F)
1 W (C)
± 50
-55 °C to +155 °C
MFS@1206Rxxxx*?M
1206 (3216 metric)
A
11 (0110)
±1% (F)
1 W (C)
± 50
-55 °C to +155 °C
MFS@1206Rxxxx*?M
1206 (3216 metric)
A
12 (0120)
±1% (F)
1 W (C)
± 50
-55 °C to +155 °C
MFS@1206Rxxxx*?M
1206 (3216 metric)
A
15 (0150)
±1% (F)
1 W (C)
± 50
-55 °C to +155 °C
MFS@1206Rxxxx*?M
1206 (3216 metric)
A
17 (0170)
±1% (F)
1 W (C)
± 50
-55 °C to +155 °C
MFS@1206Rxxxx*?M
1206 (3216 metric)
A
18 (0180)
±1% (F)
1 W (C)
± 50
-55 °C to +155 °C
MFS@1206Rxxxx*?M
1206 (3216 metric)
A
20 (0200)
±1% (F)
1 W (C)
± 50
-55 °C to +155 °C
MFS@1206Rxxxx*?M
1206 (3216 metric)
A
22 (0220)
±1% (F)
1 W (C)
± 50
-55 °C to +155 °C
MFS@1206Rxxxx*?M
1206 (3216 metric)
A
25 (0250)
±1% (F)
1 W (C)
± 50
-55 °C to +155 °C
MFS@1206Rxxxx*?M
1206 (3216 metric)
A
27 (0270)
±1% (F)
1 W (C)
± 50
-55 °C to +155 °C
MFS@1206Rxxxx*?M
1206 (3216 metric)
A
30 (0300)
±1% (F)
1 W (C)
± 50
-55 °C to +155 °C
MFS@1206Rxxxx*?M
1206 (3216 metric)
A
33 (0330)
±1% (F)
1 W (C)
± 50
-55 °C to +155 °C
MFS@1206Rxxxx*?M
1206 (3216 metric)
A
40 (0400)
±1% (F)
1 W (C)
± 50
-55 °C to +155 °C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com